Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC32M Datasheet(PDF) 6 Page - Microchip Technology

Part # TC32M
Description  ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC32M Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC32M Datasheet HTML 2Page - Microchip Technology TC32M Datasheet HTML 3Page - Microchip Technology TC32M Datasheet HTML 4Page - Microchip Technology TC32M Datasheet HTML 5Page - Microchip Technology TC32M Datasheet HTML 6Page - Microchip Technology TC32M Datasheet HTML 7Page - Microchip Technology TC32M Datasheet HTML 8Page - Microchip Technology TC32M Datasheet HTML 9Page - Microchip Technology TC32M Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC32M
DS21402B-page 6
© 2002 Microchip Technology Inc.
3.4
External Override Reset Control
A built-in debounce circuit allows a push-button switch
(PB) or other electronic signal to be wire-ORed to this
pin as an external RESET override control. The
external RESET is required to be an active low signal.
Internally, this input is timed to provide a minimum
RESET pulse width of 500msec. Reference Figure 3-2.
FIGURE 3-2:
RS PULLED LOW BY
PUSH-BUTTON RESET
FIGURE 3-3:
POWER UP/DOWN
RESET TIMING
3.5
Supply Monitor Noise Sensitivity
The TC32M is optimized for fast response to negative-
going changes in VDD. Systems with an inordinate
amount of electrical noise on VDD (such as systems
using relays), may require a 0.01
µF bypass capacitor
to reduce detection sensitivity. This capacitor should be
installed as close to the TC32M as possible to keep the
capacitor lead length short.
FIGURE 3-4:
TC32M HARDWARE CONNECTIONS (R1, R2 CHOSEN TO MEET VSTH,VSTL)
PB Closed
PB Open
RS
VIH
tRST
VIL
RS
VIL
VIH
VDD
VRST
tRST
tRPD
5V
5V
RESET
PO.1
RESET
Microcontroller
Microprocessor
R2,10k
Ω
Microcontroller Example
RESET
Decoder
Address
RESET
R1, 10k
Ω
Microprocessor Example
RS
TC32M
RS
TC32M
R1, 10k
Ω
R2, 10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com