Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC32M Datasheet(PDF) 1 Page - Microchip Technology

Part # TC32M
Description  ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC32M Datasheet(HTML) 1 Page - Microchip Technology

  TC32M Datasheet HTML 1Page - Microchip Technology TC32M Datasheet HTML 2Page - Microchip Technology TC32M Datasheet HTML 3Page - Microchip Technology TC32M Datasheet HTML 4Page - Microchip Technology TC32M Datasheet HTML 5Page - Microchip Technology TC32M Datasheet HTML 6Page - Microchip Technology TC32M Datasheet HTML 7Page - Microchip Technology TC32M Datasheet HTML 8Page - Microchip Technology TC32M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21402B-page 1
TC32M
Features
• Incorporates the Functionality of the Industry
Standard TC1232 (Processor Monitor, Watchdog
and Manual Override RESET Controller) into a
Small, Lower Cost Package
• Guards Against Unstable Processor Operation
Resulting from Power "Brown-Out"
• Automatically Halts and Restarts an Out-of-
Control Microprocessor
• Output can be Wire-ORed, or Hooked to Manual
RESET Push-button Switch
• Space-Saving 3-Pin TO-92 or SOT-223 Package
Applications
• All Microprocessor-Based Systems
• Battery Powered Computers and Controllers
• Automotive Systems
• Intelligent Instruments
• Critical Processor Monitoring
• Embedded Controllers
Device Selection Table
Package Type
General Description
The TC32M is a fully-integrated processor supervisor
in a 3-pin package. It provides three important func-
tions to safeguard processor sanity: precision power
on/off RESET control, watchdog timer and external
RESET override.
On power-up, the TC32M holds the processor in the
reset state for a minimum of 500msec after VDD is
within tolerance to ensure a stable system start-up.
Microprocessor sanity is monitored by the on-board
watchdog circuit. The microprocessor must provide a
high-to-low level shift (through an external resistor
divider) on the RS pin of the TC32M. Should the
processor fail to supply this signal within the specified
timeout period (typically 700msec), an out-of-control
processor is indicated and the TC32M issues a
processor reset as a result.
The output of the TC32M can be wire-ORed with a
push-button switch (or electronic signal) to override the
TC32M and unconditionally reset the processor. When
connected to a push-button switch, the TC32M
provides contact debounce.
The TC32M is packaged in a space-saving TO-92 or
SOT-223 package. It provides all of the functionality of
the industry standard TC1232 in a smaller, lower cost
configuration.
Part Number
Package
Temp. Range
TC32MCDB
SOT-223
0°C to +70°C
TC32MCZB
TO-92
0°C to +70°C
TC32MEDB
SOT-223
-40°C to +85°C
TC32MEZB
TO-92
-40°C to +85°C
1
1
2
4
3
23
GND
TC32MCDB
TC32MEDB
TC32MCZB
TC32MEZB
VDD
VDD
RS
ECONOMONITOR™ – 3-Pin System Supervisor with
Power Supply Monitor and Watchdog


Similar Part No. - TC32M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC32M TELCOM-TC32M Datasheet
57Kb / 4P
ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
logo
Advanced Crystal Techno...
TC32M00001FABNEXXSC-PF ACT-TC32M00001FABNEXXSC-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FABNEXXSD-PF ACT-TC32M00001FABNEXXSD-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FABNEXXSL-PF ACT-TC32M00001FABNEXXSL-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FAINEXXSC-PF ACT-TC32M00001FAINEXXSC-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
More results

Similar Description - TC32M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC32M TELCOM-TC32M Datasheet
57Kb / 4P
ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
3-Pin Microcontroller Power Supply Supervisor
logo
Microchip Technology
TC32M MICROCHIP-TC32M_06 Datasheet
253Kb / 12P
ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2006
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
A1 PROs co., Ltd.
IMP809 A1PROS-IMP809 Datasheet
170Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
1998
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com