Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4420 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4420
Description  6A HIGH-SPEED MOSFET DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420 Datasheet(HTML) 1 Page - Microchip Technology

  TC4420 Datasheet HTML 1Page - Microchip Technology TC4420 Datasheet HTML 2Page - Microchip Technology TC4420 Datasheet HTML 3Page - Microchip Technology TC4420 Datasheet HTML 4Page - Microchip Technology TC4420 Datasheet HTML 5Page - Microchip Technology TC4420 Datasheet HTML 6Page - Microchip Technology TC4420 Datasheet HTML 7Page - Microchip Technology TC4420 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 2002-2012 Microchip Technology Inc.
DS21419D-page 1
TC4420/TC4429
Features
• Latch-Up Protected: Will Withstand >1.5A
Reverse Output Current
• Logic Input Will Withstand Negative Swing Up To
5V
• ESD Protected: 4 kV
• Matched Rise and Fall Times:
- 25 ns (2500 pF load)
• High Peak Output Current: 6A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability: 10,000 pF
• Short Delay Time: 55 ns (typ.)
• CMOS/TTL Compatible Input
• Low Supply Current With Logic ‘1’ Input:
-450 µA (typ.)
• Low Output Impedance: 2.5
• Output Voltage Swing to Within 25 mV of Ground
or VDD
• Space-Saving 8-Pin SOIC and 8-Pin 6x5 DFN
Packages
Applications
• Switch-Mode Power Supplies
• Motor Controls
• Pulse Transformer Driver
• Class D Switching Amplifiers
General Description
The TC4420/TC4429 are 6A (peak), single-output
MOSFET drivers. The TC4429 is an inverting driver
(pin-compatible with the TC429), while the TC4420 is a
non-inverting driver. These drivers are fabricated in
CMOS for lower power and more efficient operation
versus bipolar drivers.
Both devices have TTL/CMOS compatible inputs that
can be driven as high as VDD + 0.3V or as low as –5V
without upset or damage to the device. This eliminates
the need for external level-shifting circuitry and its
associated cost and size. The output swing is rail-to-rail,
ensuring better drive voltage margin, especially during
power-up/power-down
sequencing.
Propagational
delay time is only 55 ns (typ.) and the output rise and fall
times are only 25 ns (typ.) into 2500 pF across the
usable power supply range.
Unlike other drivers, the TC4420/TC4429 are virtually
latch-up proof. They replace three or more discrete
components, saving PCB area, parts and improving
overall system reliability.
Package Types(1)
5-Pin TO-220
TC4420
TC4429
Tab is
Common
to VDD
8-Pin CERDIP/
1
2
3
4
VDD
5
6
7
8
OUTPUT
GND
VDD
INPUT
NC
GND
OUTPUT
TC4420
TC4429
TC4420
TC4429
VDD
OUTPUT
GND
OUTPUT
PDIP/SOIC
Note 1:
Duplicate pins must both be connected for proper operation.
2:
Exposed pad of the DFN package is electrically isolated.
8-Pin DFN(2)
VDD
INPUT
NC
GND
2
3
4
5
6
7
8
1
TC4420
TC4429
VDD
OUTPUT
GND
OUTPUT
TC4420 TC4429
VDD
OUTPUT
GND
OUTPUT
6A High-Speed MOSFET Drivers


Similar Part No. - TC4420

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
logo
TelCom Semiconductor, I...
TC4420CAT TELCOM-TC4420CAT Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420CAT MICROCHIP-TC4420CAT Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4420CAT MICROCHIP-TC4420CAT Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4420

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
6A High-Speed MOSFET Drivers
2005
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com