Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF830G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF830G-TN3-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF830G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 7Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 8Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UF830
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-046.I
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, Unless Otherwise Specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage (TJ=25°C ~125°C)
VDS
500
V
Drain to Gate Voltage (RGS=20kΩ, TJ=25°C ~125°C)
VDGR
500
V
Gate to Source Voltage
VGS
±30
V
Continuous
ID
4.5
A
Drain Current
Pulsed
IDM
18
A
TO-220/TO-262/TO-263
73
W
TO-220F/ TO-220F1
38
W
TO-220F2
40
Power Dissipation
(TC = 25°C)
TO-251/TO-251S
TO-252
PD
46
W
Single Pulse Avalanche Energy Rating (Note 2)
EAS
300
mJ
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. VDD=50V, starting TJ =25°C, L=25mH, RG=25Ω, peak IAS=4.5A
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-262/TO-263
62.5
°C/W
TO-220F/ TO-220F1
62.5
°C/W
TO-220F2
62.5
Junction to Ambient
TO-251/TO-251S
TO-252
θJA
100.3
°C/W
TO-220/TO-262/TO-263
1.71
°C/W
TO-220F/ TO-220F1
3.31
°C/W
TO-220F2
3.125
Junction to Case
TO-251/TO-251S
TO-252
θJc
2.7
°C/W
ELECTRICAL SPECIFICATIONS (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Drain-Source Breakdown Voltage
BVDSS
ID=250μA, VGS=0V
500
V
Gate Threshold Voltage
VGS(TH)
VGS=VDS, ID=250μA
2.0
4.0
V
On-State Drain Current (Note 1)
ID(ON)
VDS>ID(ON)×RDS(ON)MAX, VGS=10V
4.5
A
VDS= Rated BVDSS, VGS=0V
25
μA
Drain-Source Leakage Current
IDSS
VDS=0.8×Rated BVDSS
VGS=0V, TJ= 125°C
250
μA
Gate-Source Leakage Current
IGSS
VGS=±30V
±100
nA
Static Drain-Source On-State Resistance
RDS(ON)
ID=2.5A, VGS=10V (Note 2)
1.3
1.5
Ω
Forward Transconductance (Note 1)
gFS
VDS≥10V, ID=2.7A
2.5
4.2
S
Turn-On Delay Time
tD(ON)
10
17
ns
Turn-On Rise Time
tR
15
23
ns
Turn-Off Delay Time
tD(OFF)
33
53
ns
Turn-Off Fall Time
tF
VDD=250V, ID≈4.5A
RGS=12Ω, RL =54Ω (Note 2)
16
23
ns
Notes: 1. Pulse Test: Pulse width≤300μs, Duty Cycle≤2%.
2. MOSFET Switching Times are Essentially Independent of Operating Temperature.
3. Gate Charge is Essentially Independent of Operating Temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com