Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF830G-TN3-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UF830G-TN3-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830G-TN3-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UF830G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 7Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 8Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UF830
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-046.I
TYPICAL CHARACTERISTICS (Cont.)
Gate to Source Voltage, VGS (V)
2
5
7
Transfer Characteristics
0
6
1
0
1
2
3
4
5
4
3
TJ = 25°C
TJ = -40°C
TJ = 125°C
Case Temperature, TC (°C)
4
16
20
Drain to Source on Resistance vs.
Gate Voltage and Drain Current
0
0
2
12
VGS=10V
VGS=20V
8
4
6
8
10
Pulse Duration=80μs
Duty Cycle = 0.5% Max
Pulse Duration=80μs
Duty Cycle = 0.5% Max
VDS>ID(ON)×rDS(ON)MAX
Junction Temperature, TJ (°C)
0
80
Normalized Drain to Source on Resistance vs.
Junction Temperature
0.2
120
-40
0.6
1.0
1.4
1.8
2.2
40
Pulse Duration=80μs
Duty Cycle = 0.5% Max
VGS =10V, ID=2.5A
140
100
60
20
-20
-60
Junction Temperature, TJ (°C)
0
80
Normalized Drain to Source Breakdown Voltage vs.
Junction Temperature
0.75
160
-40
1.25
40
120
0.85
0.95
1.05
1.15
140
100
60
20
-20
ID=250μA
Capacitance vs. Drain to Source Voltage
Drain to Source Voltage, VDS (V)
0
1
400
800
2000
20
CISS
50
1600
1200
10
30
30
VGS=0V, f=1MHz
CISS=CGS+CGD
CRSS=CGD
COSS=CDS+CGS
CRSS
COSS
Drain Current, ID (A)
2
35
Transconductance vs. Drain Current
0
4
1
0
1
2
3
4
5
TJ= -40°C
TJ= 25°C
TJ= 125°C
Pulse Duration=80μs
Duty Cycle = 0.5% Max



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com