Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF830G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF830G-TN3-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF830G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 7Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 8Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF830
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-046.I
4.5A, 500V, 1.5Ω, N-CHANNEL
POWER MOSFET
DESCRIPTION
The N-Channel enhancement mode silicon gate power
MOSFET is designed for high voltage, high speed power
switching applications such as switching regulators, switching
converters, solenoid, motor drivers, relay drivers.
FEATURES
* RDS(ON)<1.5Ω @ VGS=10V
* Single Pulse Avalanche Energy Rated
* Rugged- SOA is Power Dissipation Limited
* Fast Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UF830L-TA3-T
UF830G-TA3-T
TO-220
G
D
S
Tube
UF830L-TF3-T
UF830G-TF3-T
TO-220F
G
D
S
Tube
UF830L-TF1-T
UF830G-TF1-T
TO-220F1
G
D
S
Tube
UF830L-TF2-T
UF830G-TF2-T
TO-220F2
G
D
S
Tube
UF830L-TM3-T
UF830G-TM3-T
TO-251
G
D
S
Tube
UF830L-TMS-T
UF830G-TMS-T
TO-251S
G
D
S
Tube
UF830L-TN3-R
UF830G-TN3-R
TO-252
G
D
S
Tape Reel
UF830L-T2Q-T
UF830G-T2Q-T
TO-262
G
D
S
Tube
UF830L-TQ2-R
UF830G-TQ2-R
TO-263
G
D
S
Tape Reel
UF830L-TQ2-T
UF830G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UF830G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF830G-TN3-R UTC-UF830G-TN3-R Datasheet
307Kb / 8P
4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830G-TN3-R UTC-UF830G-TN3-R Datasheet
264Kb / 6P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
More results

Similar Description - UF830G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP672 UTC-UP672 Datasheet
162Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
1N40 UTC-1N40_15 Datasheet
173Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
6N40 UTC-6N40_15 Datasheet
189Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15 UTC-10N15_15 Datasheet
221Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF3205 UTC-UF3205_15 Datasheet
206Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70Z UTC-2N70Z_15 Datasheet
260Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N65 UTC-10N65_15 Datasheet
396Kb / 9P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70 UTC-10N70_15 Datasheet
243Kb / 7P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30Z UTC-UF2N30Z_15 Datasheet
208Kb / 3P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UT100N03 UTC-UT100N03_15 Datasheet
364Kb / 8P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com