Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7106 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 5 Page - Microchip Technology

  TC7106 Datasheet HTML 1Page - Microchip Technology TC7106 Datasheet HTML 2Page - Microchip Technology TC7106 Datasheet HTML 3Page - Microchip Technology TC7106 Datasheet HTML 4Page - Microchip Technology TC7106 Datasheet HTML 5Page - Microchip Technology TC7106 Datasheet HTML 6Page - Microchip Technology TC7106 Datasheet HTML 7Page - Microchip Technology TC7106 Datasheet HTML 8Page - Microchip Technology TC7106 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21455B-page 5
TC7106/A/TC7107/A
CMRR
Common Mode Rejection Ratio (Note 3)
—50
—
µV/V
VCM =±1V, VIN =0V,
Full Scale = 200.0mV
eN
Noise (Peak to Peak Value not Exceeded
95% of Time)
—15
—
µVV
IN =0V
Full Scale - 200.0mV
IL
Leakage Current at Input
—
1
10
pA
VIN =0V
Zero Reading Drift
—
0.2
1
µV/°C
VIN =0V
“C” Device = 0°C to +70°C
—1.0
2
µV/°C
VIN =0V
“I” Device = -25°C to +85°C
TCSF
Scale Factor Temperature Coefficient
—
1
5
ppm/°C
VIN =199.0mV,
“C” Device = 0°C to +70°C
(Ext. Ref = 0ppm°C)
——
20
ppm/°C
VIN =199.0mV
“I” Device = -25°C to +85°C
IDD
Supply Current (Does not include LED
Current For TC7107/A)
—0.8
1.8
mA
VIN =0.8
VC
Analog Common Voltage
(with Respect to Positive Supply)
2.7
3.05
3.35
V
25k
Ω BetweenCommonand
Positive Supply
VCTC
Temperature Coefficient of Analog
Common (with Respect to Positive Supply)
——
—
—
25k
Ω BetweenCommonand
Positive Supply
7106/7/A
7106/7
20
80
50
—
ppm/°C
ppm/°C
0°C
≤ TA ≤ +70°C
(“C” Commercial Temperature
Range Devices)
VCTC
Temperature Coefficient of Analog
Common (with Respect to Positive Supply)
—
—
75
ppm/°C
0°C
≤ T
A ≤ +70°C
(“I” Industrial Temperature
Range Devices)
VSD
TC7106A ONLY Peak to Peak
Segment Drive Voltage
45
6
V
V+ to V- = 9V
(Note 4)
VBD
TC7106A ONLY Peak to Peak
Backplane Drive Voltage
45
6
V
V+ to V- = 9V
(Note 4)
TC7107A ONLY
Segment Sinking Current (Except Pin 19)
58.0
—
mA
V+ = 5.0V
Segment Voltage = 3V
TC7107A ONLY
Segment Sinking Current (Pin 19)
10
16
—
mA
V+ = 5.0V
Segment Voltage = 3V
TC7106/A AND TC7107/A ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, specifications apply to both the TC7106/A and TC7107/A at TA =25°C,
fCLOCK = 48kHz. Parts are tested in the circuit of the Typical Operating Circuit.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1:
Input voltages may exceed the supply voltages, provided the input current is limited to ±100
µA.
2:
Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.
3:
Refer to “Differential Input” discussion.
4:
Backplane drive is in phase with segment drive for “OFF” segment, 180° out of phase for “ON” segment.
Frequency is 20 times conversion rate. Average DC component is less than 50mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com