Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7106 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC7106 Datasheet HTML 5Page - Microchip Technology TC7106 Datasheet HTML 6Page - Microchip Technology TC7106 Datasheet HTML 7Page - Microchip Technology TC7106 Datasheet HTML 8Page - Microchip Technology TC7106 Datasheet HTML 9Page - Microchip Technology TC7106 Datasheet HTML 10Page - Microchip Technology TC7106 Datasheet HTML 11Page - Microchip Technology TC7106 Datasheet HTML 12Page - Microchip Technology TC7106 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21455B-page 9
TC7106/A/TC7107/A
4.0
ANALOG SECTION
In addition to the basic signal integrate and de-
integrate cycles discussed, the circuit incorporates an
auto-zero cycle. This cycle removes buffer amplifier,
integrator, and comparator offset voltage error terms
from the conversion. A true digital zero reading results
without adjusting external potentiometers. A complete
conversion consists of three cycles: an auto-zero,
signal integrate and reference integrate cycle.
4.1
Auto-Zero Cycle
During the auto-zero cycle, the differential input signal
is disconnected from the circuit by opening internal
analog gates. The internal nodes are shorted to analog
common (ground) to establish a zero input condition.
Additional analog gates close a feedback loop around
the integrator and comparator. This loop permits com-
parator offset voltage error compensation. The voltage
level established on CAZ compensates for device offset
voltages. The offset error referred to the input is less
than 10
µV.
The auto-zero cycle length is 1000 to 3000 counts.
4.2
Signal Integrate Cycle
The auto-zero loop is entered and the internal differen-
tial inputs connect to VIN+ and VIN-. The differential
input signal is integrated for a fixed time period. The
TC7136/A signal integration period is 1000 clock peri-
ods or counts. The externally set clock frequency is
divided by four before clocking the internal counters.
The integration time period is:
EQUATION 4-1:
The differential input voltage must be within the device
Common mode range when the converter and mea-
sured system share the same power supply common
(ground). If the converter and measured system do not
share the same power supply common, VIN- should be
tied to analog common.
Polarity is determined at the end of signal integrate
phase. The sign bit is a true polarity indication, in that
signals less than 1LSB are correctly determined. This
allows precision null detection limited only by device
noise and auto-zero residual offsets.
4.3
Reference Integrate Phase
The third phase is reference integrate or de-integrate.
VIN- is internally connected to analog common and
VIN+ is connected across the previously charged refer-
ence capacitor. Circuitry within the chip ensures that
the capacitor will be connected with the correct polarity
to cause the integrator output to return to zero.
The time required for the output to return to zero is pro-
portional to the input signal and is between 0 and 2000
counts.
The digital reading displayed is:
EQUATION 4-2:
5.0
DIGITAL SECTION (TC7106A)
The TC7106A (Figure 5-2) contains all the segment
drivers necessary to directly drive a 3-1/2 digit liquid
crystal display (LCD). An LCD backplane driver is
included. The backplane frequency is the external
clock frequency divided by 800. For three conversions/
second, the backplane frequency is 60Hz with a 5V
nominal amplitude. When a segment driver is in phase
with the backplane signal, the segment is “OFF.” An
out of phase segment drive signal causes the segment
to be “ON” or visible. This AC drive configuration
results in negligible DC voltage across each LCD seg-
ment. This insures long LCD display life. The polarity
segment driver is “ON” for negative analog inputs. If
VIN+and VIN- are reversed, this indicator will reverse.
When the TEST pin on the TC7106A is pulled to V+, all
segments are turned “ON.” The display reads -1888.
During this mode, the LCD segments have a constant
DC voltage impressed. DO NOT LEAVE THE DIS-
PLAY IN THIS MODE FOR MORE THAN SEVERAL
MINUTES! LCD displays may be destroyed if operated
with DC levels for extended periods.
The display font and the segment drive assignment are
showninFigure5-1.
FIGURE 5-1:
DISPLAY FONT AND
SEGMENT ASSIGNMENT
In the TC7106A, an internal digital ground is generated
from a 6-volt zener diode and a large P channel source
follower. This supply is made stiff to absorb the large
capacitive currents when the backplane voltage is
switched.
TSI =
4
FOSC
x 1000
Where: FOSC = external clock frequency.
1000 =
VIN
VREF
Display Font
1000's
100's
10's
1's



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com