Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7106 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 1 Page - Microchip Technology

  TC7106 Datasheet HTML 1Page - Microchip Technology TC7106 Datasheet HTML 2Page - Microchip Technology TC7106 Datasheet HTML 3Page - Microchip Technology TC7106 Datasheet HTML 4Page - Microchip Technology TC7106 Datasheet HTML 5Page - Microchip Technology TC7106 Datasheet HTML 6Page - Microchip Technology TC7106 Datasheet HTML 7Page - Microchip Technology TC7106 Datasheet HTML 8Page - Microchip Technology TC7106 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21455B-page 1
TC7106/A/TC7107/A
Features
• Internal Reference with Low Temperature Drift
- TC7106/7: 80ppm/°C Typical
- TC7106A/7A: 20ppm/°C Typical
• Drives LCD (TC7106) or LED (TC7107)
Display Directly
• Zero Reading with Zero Input
• Low Noise for Stable Display
• Auto-Zero Cycle Eliminates Need for Zero
Adjustment
• True Polarity Indication for Precision Null
Applications
• Convenient 9V Battery Operation (TC7106A)
• High Impedance CMOS Differential Inputs: 1012
Ω
• Differential Reference Inputs Simplify Ratiometric
Measurements
• Low Power Operation: 10mW
Applications
• Thermometry
• Bridge Readouts: Strain Gauges, Load Cells, Null
Detectors
• Digital Meters: Voltage/Current/Ohms/Power, pH
• Digital Scales, Process Monitors
• Portable Instrumentation
Device Selection Table
General Description
The TC7106A and TC7107A 3-1/2 digit direct display
drive analog-to-digital converters allow existing 7106/
7107 based systems to be upgraded. Each device has
a precision reference with a 20ppm/°C max tempera-
ture coefficient. This represents a 4 to 7 times improve-
ment over similar 3-1/2 digit converters. Existing 7106
and 7107 based systems may be upgraded without
changing external passive component values. The
TC7107A drives common anode light emitting diode
(LED) displays directly with 8mA per segment. A low
cost, high resolution indicating meter requires only a
display,
four
resistors,
and
four
capacitors.The
TC7106A low power drain and 9V battery operation
make it suitable for portable applications.
The TC7106A/TC7107A reduces linearity error to less
than 1 count. Rollover error – the difference in readings
for equal magnitude, but opposite polarity input signals,
is below ±1 count. High impedance differential inputs
offer 1pA leakage current and a 1012
Ω input imped-
ance. The differential reference input allows ratiometric
measurements for ohms or bridge transducer mea-
surements. The 15
µVP–P noise performance ensures a
“rock solid” reading. The auto-zero cycle ensures a
zero display reading with a zero volts input.
Package
Code
Package
Pin Layout
Temperature
Range
CPI
40-Pin PDIP
Normal
0
°Cto +70°C
IPL
40-Pin PDIP
Normal
-25
°Cto +85°C
IJL
40-Pin CERDIP
Normal
-25
°Cto +85°C
CKW
44-Pin PQFP
Formed Leads
0
°Cto +70°C
CLW
44-Pin PLCC
—
0
°Cto +70°C
3-1/2 Digit Analog-to-Digital Converters


Similar Part No. - TC7106

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7106 TELCOM-TC7106 Datasheet
296Kb / 19P
3-1/2 DIGIT A/D CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
logo
TelCom Semiconductor, I...
TC7106A TELCOM-TC7106A Datasheet
296Kb / 19P
3-1/2 DIGIT A/D CONVERTERS
logo
Microchip Technology
TC7106A MICROCHIP-TC7106A Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7106A MICROCHIP-TC7106A Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results

Similar Description - TC7106

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com