Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7135 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7135
Description  4-1/2 Digit A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135 Datasheet(HTML) 3 Page - Microchip Technology

  TC7135 Datasheet HTML 1Page - Microchip Technology TC7135 Datasheet HTML 2Page - Microchip Technology TC7135 Datasheet HTML 3Page - Microchip Technology TC7135 Datasheet HTML 4Page - Microchip Technology TC7135 Datasheet HTML 5Page - Microchip Technology TC7135 Datasheet HTML 6Page - Microchip Technology TC7135 Datasheet HTML 7Page - Microchip Technology TC7135 Datasheet HTML 8Page - Microchip Technology TC7135 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21460B-page 3
TC7135
1.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings*
Positive Supply Voltage..........................................+6V
Negative Supply Voltage ....................................... - 9V
Analog Input Voltage (Pin 9 or 10) .... V+ to V- (Note 2)
Reference Input Voltage (Pin 2) ...................... V+ to V-
Clock Input Voltage ........................................ 0V to V+
Operating Temperature Range ............... 0°C to +70°C
Storage Temperature Range ............ – 65°C to +150°C
Package Power Dissipation; (TA ≤ 70°C)
28-Pin PDIP ..................................... 1.14
Ω
28-Pin PLCC .................................... 1.00
Ω
64-Pin PQFP .....................................1.14
Ω
*Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
TC7135 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA =+25°C, FCLOCK = 120kHz, V+ = +5V, V- = -5V, unless otherwise specified
(see Functional Block Diagram).
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Analog
Display Reading with Zero Volt Input
-0.0000
±0.0000
+0.0000
Display Reading
Note 2 and Note 3
TCZ
Zero Reading Temperature Coefficient
—
0.5
2
µV/°C
VIN =0V, (Note4)
TCFS
Full Scale Temperature Coefficient
—
—
5
ppm/°C
VIN =2V,
(Note4 andNote5)
NL
Nonlinearity Error
—
0.5
1
Count
Note 6
DNL
Differential Linearity Error
—
0.01
—
LSB
Note 6
Display Reading in Ratiometric Operation
+0.9996
+0.9999
+1.0000
Display Reading
VIN =VREF, (Note 2)
±FSE
± Full Scale Symmetry Error
(Rollover Error)
—
0.5
1
Count
-VIN =+VIN, (Note 7)
IIN
Input Leakage Current
—
1
10
pA
Note 3
eN
Noise
—
15
—
µV
P-P
Peak-to-Peak Value not
Exceeded 95% of Time
Digital
IIL
Input Low Current
—
10
100
µAV
IN =0V
IIH
Input High Current
—
0.08
10
µAV
IN =+5V
VOL
Output Low Voltage
—
0.2
0.4
V
IOL =1.6mA
VOH
Output High Voltage;
B1,B2,B4,B8,D1–D5
Busy, Polarity, Overrange,
Underrange, Strobe
2.4
4.4
5
V
IOH =1mA
4.9
4.99
5
V
IOH =10µA
FCLK
Clock Frequency
0
200
1200
kHz
Note 8
Note
1:
Limit input current to under 100
µA if input voltages exceed supply voltage.
2:
Full scale voltage = 2V.
3:
VIN =0V.
4:
30°C
≤ TA ≤ +70°C
5:
.External reference temperature coefficient less than 0.01ppm/°C.
6:
-2V
≤ VIN ≤ +2V. Error of reading from best fit straight line.
7:
IVIN| = 1.9959.
8:
Specification related to clock frequency range over which the TC7135 correctly performs its various functions. Increased
errors result at higher operating frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com