Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7135 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7135
Description  4-1/2 Digit A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135 Datasheet(HTML) 1 Page - Microchip Technology

  TC7135 Datasheet HTML 1Page - Microchip Technology TC7135 Datasheet HTML 2Page - Microchip Technology TC7135 Datasheet HTML 3Page - Microchip Technology TC7135 Datasheet HTML 4Page - Microchip Technology TC7135 Datasheet HTML 5Page - Microchip Technology TC7135 Datasheet HTML 6Page - Microchip Technology TC7135 Datasheet HTML 7Page - Microchip Technology TC7135 Datasheet HTML 8Page - Microchip Technology TC7135 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21460B-page 1
TC7135
Features
• Low Rollover Error: ±1 Count Max
• Nonlinearity Error: ±1 Count Max
• Reading for 0V Input
• True Polarity Indication at Zero for Null Detection
• Multiplexed BCD Data Output
• TTL-Compatible Outputs
• Differential Input
• Control Signals Permit Interface to UARTs and
Microprocessors
• Blinking Display Visually Indicates Overrange
Condition
• Low Input Current: 1pA
• Low Zero Reading Drift: 2
µV/°C
• Auto-Ranging Supported with Overrange and
Underrange Signals
• Available in PDIP and Surface-Mount Packages
Applications
• Precision Analog Signal Processor
• Precision Sensor Interface
• High Accuracy DC Measurements
Device Selection Table
General Description
The TC7135 4-1/2 digit A/D converter (ADC) offers
50ppm (1 part in 20,000) resolution with a maximum
nonlinearity error of 1 count. An auto zero cycle
reduces zero error to below 10
µV and zero drift to
0.5
µV/°C. Source impedance errors are minimized by
a 10pA maximum input current. Rollover error is limited
to ±1 count.
Microprocessor based measurement systems are sup-
ported by BUSY, STROBE and RUN/HOLD control sig-
nals. Remote data acquisition systems with data
transfer via UARTs are also possible. The additional
control pins and multiplexed BCD outputs make the
TC7135
the
ideal
converter
for
display
or
microprocessor based measurement systems.
Functional Block Diagram
Part Number
Package
Temperature Range
TC7135CLI
28-Pin PLCC
0
°Cto +70°C
TC7135CPI
28-Pin PDIP
0
°Cto +70°C
TC7135CBU
64-Pin PQFP
0
°Cto +70°C
TC7135
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
100k
Ω
Analog GND
100
k
Ω
Signal
Input
0.1
µF
SET VREF = 1V
V-
REF IN
ANALOG
COMMON
INT OUT
AZ IN
BUFF OUT
CREF-
CREF+
-INPUT
+INPUT
D5 (MSD)
B1 (LSB)
B2
V+
UNDERRANGE
OVERRANGE
STROBE
RUN/HOLD
DIGTAL GND
POLARITY
CLOCK IN
BUSY
(LSD) D1
D2
D4
(MSB) B8
B4
D3
+5V
1
µF
100k
Ω
1
µF
0.47
µF
VREF IN
Clock
Input
120kHz
–5V
4-1/2 Digit A/D Converter


Similar Part No. - TC7135

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
TC7135CBU TELCOM-TC7135CBU Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC7135CBU MICROCHIP-TC7135CBU Datasheet
457Kb / 24P
4-1/2 Digit A/D Converter
2004
TC7135CKW MICROCHIP-TC7135CKW Datasheet
457Kb / 24P
4-1/2 Digit A/D Converter
2004
logo
TelCom Semiconductor, I...
TC7135CLI TELCOM-TC7135CLI Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TC7135

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
October 25, 2004
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
3 1/2 Digit A/D Converter Set
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LED
LD120 ETC-LD120 Datasheet
2Mb / 9P
4 1/2 Digit A/D Converter Set
logo
Intersil Corporation
ICL71C03 INTERSIL-ICL71C03 Datasheet
168Kb / 19P
Precision 4 1/2 Digit, A/D Converter
August 1997
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
Precision 4 1/2 Digit, A/D Converter
May 2001
logo
Microchip Technology
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
4-1/2 Digit A/D Converter
2004
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
4 1/2 Digit, BCD Output, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com