Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7135 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7135
Description  4-1/2 Digit A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7135 Datasheet HTML 3Page - Microchip Technology TC7135 Datasheet HTML 4Page - Microchip Technology TC7135 Datasheet HTML 5Page - Microchip Technology TC7135 Datasheet HTML 6Page - Microchip Technology TC7135 Datasheet HTML 7Page - Microchip Technology TC7135 Datasheet HTML 8Page - Microchip Technology TC7135 Datasheet HTML 9Page - Microchip Technology TC7135 Datasheet HTML 10Page - Microchip Technology TC7135 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21460B-page 7
TC7135
3.2.1
SYSTEM ZERO
During this phase, errors due to buffer, integrator, and
comparator offset voltages are compensated for by
charging CAZ (auto zero capacitor) with a compensat-
ing error voltage. With a zero input voltage the integra-
tor output will remain at zero.
The external input signal is disconnected from the inter-
nal circuitry by opening the two SWI switches. The
internal input points connect to ANALOG COMMON.
The reference capacitor charges to the reference volt-
age potential through SWR. A feedback loop, closed
around the integrator and comparator, charges the CAZ
capacitor with a voltage to compensate for buffer ampli-
fier, integrator, and comparator offset voltages (see
Figure 3-2).
FIGURE 3-2:
SYSTEM ZERO PHASE
3.2.2
ANALOG INPUT SIGNAL
INTEGRATION
The TC7135 integrates the differential voltage between
the +INPUT and -INPUT pins. The differential voltage
must be within the device Common mode range; - 1V
from either supply rail, typically. The input signal polar-
ity is determined at the end of this phase.
SeeFigure2-3
FIGURE 3-3:
INPUT SIGNAL
INTEGRATION PHASE
3.2.3
REFERENCE VOLTAGE
INTEGRATION
The previously-charged reference capacitor is con-
nected with the proper polarity to ramp the integrator
output back to zero
(see Figure 3-4). The digital
reading displayed is:
EQUATION 3-3:
FIGURE 3-4:
REFERENCE VOLTAGE
INTEGRATION CYCLE
3.2.4
INTEGRATOR OUTPUT ZERO
This phase ensures the integrator output is at 0V when
the system zero phase is entered. It also ensures that
the true system offset voltages are compensated for.
This phase normally lasts 100 to 200 clock cycles. If an
overrange condition exists, the phase is extended to
6200 clock cycles (see Figure 3-5).
FIGURE 3-5:
INTEGRATOR OUTPUT
ZERO PHASE
.
+
-
+IN
REF
IN
Analog
Common
– IN
SWR
SWIZ
SWZ
SWZ
Integrator
Switch Closed
Switch Open
SWRI+
Comparator
To Digital
Section
Analog
Input Buffer
RINT
CINT
CREF
CSZ
SWRI-
SWI
SWZ
SWRI+SWRI-
SWI
SW1
+
-
Analog
Common
– IN
Integrator
Switch Closed
Switch Open
Comparator
To
Digital
Section
Analog
Input Buffer
RINT
CINT
CREF
CSZ
SWI
+IN
SWRI+
SWRI-
REF
IN
SWR
SWZ
SWI
SW1
SWRI+SWRI-
SWIZ
SWZ
SWZ
Reading = 10,000
[Differential Input]
VREF
+
-
REF
IN
Analog
Common
– IN
Integrator
Switch Closed
Switch Open
Comparator
To Digital
Section
Analog
Input Buffer
RINT
CINT
CREF
CSZ
SWRI+
SWRI+SWRI-
SWRI-
SWI
SWI
SW1
SWR
SWZ
SWIZ
SWZ
SWZ
+IN
+
-
+ IN
Analog
Common
– IN
Integrator
Switch Closed
Switch Open
Comparator
To Digital
Section
Analog
Input Buffer
CREF
SWI
SWRI+
SWRI-
REF
IN
SWR
SWZ
SWI
SWRI+SWRI-
SW1
SWIZ
SWZ
RINT
CINT
CSZ
SWZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com