Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL8516BT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL8516BT Datasheet HTML 1Page - NXP Semiconductors SSL8516BT Datasheet HTML 2Page - NXP Semiconductors SSL8516BT Datasheet HTML 3Page - NXP Semiconductors SSL8516BT Datasheet HTML 4Page - NXP Semiconductors SSL8516BT Datasheet HTML 5Page - NXP Semiconductors SSL8516BT Datasheet HTML 6Page - NXP Semiconductors SSL8516BT Datasheet HTML 7Page - NXP Semiconductors SSL8516BT Datasheet HTML 8Page - NXP Semiconductors SSL8516BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1.
General description
The GreenChip is the latest generation of green Switched Mode Power Supply (SMPS)
controller ICs. The SSL8516BT combines a controller for Power Factor Correction (PFC)
and a flyback controller. Its high level of integration enables cost-effective LED lighting
application power supply design using a very low number of external components.
The PFC operates in Quasi-Resonant (QR) or Discontinuous Conduction Mode (DCM),
with valley switching.
The specially built-in green functions provide high efficiency at all power levels. At high
power levels, the flyback operates in QR mode or DCM with valley detection. At medium
power levels, the flyback controller switches to Frequency Reduction (FR) mode and limits
the peak current to an adjustable minimum value. In low-power mode, the PFC switches
off to maintain high efficiency. At very low power levels, when the flyback switching
frequency drops to below 25 kHz, the flyback converter switches to burst mode. During
the non-switching phase of the burst mode, the internal IC supply current is minimized to
optimize efficiency further. Valley switching is used in all operating modes.
The advanced burst mode ensures high efficiency at low power and good standby power
performance while minimizing audible transformer noise.
The SSL8516BT is a Multi-Chip Module (MCM), containing two chips. The proprietary
high-voltage BCD800 process makes direct start-up possible from the rectified universal
mains voltage in an effective and green way. The second low voltage Silicon-On-Insulator
(SOI) is used for accurate, high-speed protection functions and control.
The SSL8516BT enables easy design of highly efficient and reliable LED lighting
application power supplies between 25 W and 300 W.
LED drivers in particular benefit from the high level of integration. The IC meets the
lighting class C requirements on mains current harmonics as specified by IEC 61000-3-2
over a wide input voltage range and a wide output power range.
Remark: All values in this document are typical values unless otherwise stated.
SSL8516BT
Greenchip PFC and flyback controller
Rev. 1 — 26 May 2015
Product data sheet


Similar Part No. - SSL8516BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL8516T NXP-SSL8516T Datasheet
306Kb / 33P
Greenchip PFC and flyback controller
Rev. 1-5 May 2014
More results

Similar Description - SSL8516BT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6901A FAIRCHILD-SG6901A Datasheet
710Kb / 18P
PFC / Flyback PWM Controller
logo
NXP Semiconductors
TEA1742T PHILIPS-TEA1742T Datasheet
99Kb / 17P
GreenChip PFC controller
Rev. 01-10 February 2009
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
CCM PFC/Flyback PWM Combination Controller
logo
NXP Semiconductors
AN11054 PHILIPS-AN11054_15 Datasheet
752Kb / 27P
GreenChip III SSL4101 integrated PFC and flyback controller
Rev. 1-13 May 2011
AN11486 PHILIPS-AN11486_15 Datasheet
464Kb / 53P
GreenChip SSL8516T PFC and flyback controller
Rev. 1-17 July 2014
AN11675 PHILIPS-AN11675_15 Datasheet
431Kb / 50P
GreenChip TEA1833(L)TS fixed frequency flyback controller
Rev. 1-20 July 2015
SSL8516T NXP-SSL8516T Datasheet
306Kb / 33P
Greenchip PFC and flyback controller
Rev. 1-5 May 2014
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
Single Stage Flyback And PFC Controller
logo
Infineon Technologies A...
XDPS2221 INFINEON-XDPS2221 Datasheet
905Kb / 60P
XDPS2221 PFC Hybrid-Flyback - Combo Controller
Rev. 1.1 2022-11-09
logo
NXP Semiconductors
AN11142 NXP-AN11142 Datasheet
970Kb / 56P
GreenChip TEA1755 integrated PFC and flyback controller
Rev. 2 - 13 September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com