Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL8516BT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL8516BT Datasheet HTML 9Page - NXP Semiconductors SSL8516BT Datasheet HTML 10Page - NXP Semiconductors SSL8516BT Datasheet HTML 11Page - NXP Semiconductors SSL8516BT Datasheet HTML 12Page - NXP Semiconductors SSL8516BT Datasheet HTML 13Page - NXP Semiconductors SSL8516BT Datasheet HTML 14Page - NXP Semiconductors SSL8516BT Datasheet HTML 15Page - NXP Semiconductors SSL8516BT Datasheet HTML 16Page - NXP Semiconductors SSL8516BT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
13 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
At high output power the converter switches to quasi-resonant mode. The next converter
stroke starts after demagnetization of the transformer and detection of the valley. In
quasi-resonant mode, switching losses are minimized. This minimization is achieved by
the converter only switching on when the voltage across the external MOSFET is at its
minimum (see Section 7.3.2).
Valley switching is active in all operating modes.
To prevent high frequency operation at lower loads, the quasi-resonant operation switches
to discontinuous mode operation with valley skipping. When the frequency limit is
reached, the quasi-resonant operation changes to DCM with valley skipping. The
frequency limit reduces the MOSFET switch-on losses and conducted EMI.
At medium power levels, the controller enters Frequency Reduction (FR) mode. A Voltage
Controlled Oscillator (VCO) controls the frequency. The minimum frequency in this mode
is reduced to approximately 25 kHz. During frequency reduction mode, the primary peak
current is kept at an adjustable minimum level to maintain a high efficiency. Valley
switching is also active in this mode.
At very low power and standby levels, for which the switching frequency drops to below
25 kHz, the converter enters the burst mode. In burst mode, the switching frequency is
36.5 kHz. The primary peak current is fixed in burst mode.
In frequency reduction mode, the PFC controller switches off when the flyback switching
frequency has dropped to below 53 kHz and VPFCTIMER has reached 3 V. The flyback
maximum frequency changes linearly with the control VFBCTRL (see Figure 8). Hysteresis
is added to ensure a stable PFC switch-on and switch-off. In no-load operation, the
switching frequency is reduced to (almost) zero.
Fig 7.
Multimode operation flyback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com