Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL8516BT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL8516BT
Description  Greenchip PFC and flyback controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL8516BT Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL8516BT Datasheet HTML 1Page - NXP Semiconductors SSL8516BT Datasheet HTML 2Page - NXP Semiconductors SSL8516BT Datasheet HTML 3Page - NXP Semiconductors SSL8516BT Datasheet HTML 4Page - NXP Semiconductors SSL8516BT Datasheet HTML 5Page - NXP Semiconductors SSL8516BT Datasheet HTML 6Page - NXP Semiconductors SSL8516BT Datasheet HTML 7Page - NXP Semiconductors SSL8516BT Datasheet HTML 8Page - NXP Semiconductors SSL8516BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
SSL8516BT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 May 2015
2 of 35
NXP Semiconductors
SSL8516BT
Greenchip PFC and flyback controller
2.
Features and benefits
2.1 Distinctive features
Integrated PFC and flyback controller
Universal mains supply operation between 90 V (AC) to 305 V (AC)
Fixed boost PFC with accurate maximum output voltage (NXP Semiconductors
patented)
High level of integration, results in cost-effective designs with very low external
component counts
Adjustable PFC switch off delay
External PFC switch on and switch off override
Accurate PFC switch on and switch off control (NXP Semiconductors patents:
EP2566024A1, US20130057170, CN102969909 A)
2.2 Green features
On-chip start-up current source
Reduced IC supply current during burst mode
Power-down functionality for very low standby power
2.3 PFC green features
Valley/Zero-Voltage Switching (ZVS) for minimum switching losses
(NXP Semiconductors patented)
Frequency limitation reduces switching losses
PFC switched off when a low-load is detected at the flyback output
2.4 Flyback green features
Valley switching for minimum switching losses (NXP Semiconductors patented)
Frequency reduction with adjustable minimum peak current at low-power operation
maintains high-efficiency at low output power levels
Burst mode operation at very low-power levels for high-efficiency operation
2.5 Protection features
Safe restart mode for system fault conditions
Continuous mode protection using demagnetization detection for both converters
(NXP Semiconductors patented)
UnderVoltage Protection (UVP) (foldback during overload)
Accurate OverVoltage Protection (OVP) for both converters (adjustable for flyback
converter)
Mains voltage independent OverPower Protection (OPP)
Open control loop protection for both converters. The open-loop protection on the
flyback converter is safe restart
OverTemperature Protection (OTP)
Low and adjustable OverCurrent Protection (OCP) trip level for both converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com