Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3401HN Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL3401HN
Description  Low voltage dimmable controller for LED lighting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL3401HN Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL3401HN Datasheet HTML 9Page - NXP Semiconductors SSL3401HN Datasheet HTML 10Page - NXP Semiconductors SSL3401HN Datasheet HTML 11Page - NXP Semiconductors SSL3401HN Datasheet HTML 12Page - NXP Semiconductors SSL3401HN Datasheet HTML 13Page - NXP Semiconductors SSL3401HN Datasheet HTML 14Page - NXP Semiconductors SSL3401HN Datasheet HTML 15Page - NXP Semiconductors SSL3401HN Datasheet HTML 16Page - NXP Semiconductors SSL3401HN Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SSL3401HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 January 2014
13 of 29
NXP Semiconductors
SSL3401HN
Low voltage dimmable controller for LED lighting
8.8.4 Open LED protection
Open LED protection works in combination with the OVP protection. If the LED string is
open, the boost output voltage increases until OVP is triggered (see Section 8.8.1).
8.8.5 Shorted LED protection
The protection is triggered if the voltage on pin FB continuously exceeds 2.1 V for a time
period > 500 ms. This voltage is measured every 10 ms for 50 Hz (AC or DC supply) and
every 8.3 ms for 60 Hz (AC). The boost converter is disabled and the LED PWM signal is
set HIGH to switch off the LED current source. Normal operation is only resumed after a
POR or a chip reset by setting the RESET pin to LOW.
8.8.6 Power-on reset
A voltage supervisor constantly monitors the supply to pin VDD. If the voltage on pin VDD
drops below the falling POR threshold level, the chip enters the Reset state and cannot
operate.
The chip enters Active mode when the voltage on pin VDD exceeds the POR rising
threshold value.
Table 5.
OTP threshold setting
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vset(otp)
overtemperature protection setting
voltage
OTP = 120.0
°C; VDD = 3.3 V
0
-
0.20
V
OTP = 107.5
°C; VDD = 3.3 V
0.20
-
0.41
V
OTP = 110.0
°C; VDD = 3.3 V
0.41
-
0.61
V
OTP = 112.5
°C; VDD = 3.3 V
0.61
-
0.82
V
OTP = 115.0
°C; VDD = 3.3 V
0.82
-
1.03
V
OTP = 117.5
°C; VDD = 3.3 V
1.03
-
1.23
V
OTP = 122.5
°C; VDD = 3.3 V
1.23
-
1.54
V
OTP = 125.0
°C; VDD = 3.3 V
1.54
-
1.85
V
OTP = 127.5
°C; VDD = 3.3 V
1.85
-
2.16
V
OTP = 130.0
°C; VDD = 3.3 V
2.16
-
2.47
V
OTP = 120.0
C; V
DD = 3.3 V
2.47
-
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com