Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3401HN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL3401HN
Description  Low voltage dimmable controller for LED lighting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL3401HN Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL3401HN Datasheet HTML 1Page - NXP Semiconductors SSL3401HN Datasheet HTML 2Page - NXP Semiconductors SSL3401HN Datasheet HTML 3Page - NXP Semiconductors SSL3401HN Datasheet HTML 4Page - NXP Semiconductors SSL3401HN Datasheet HTML 5Page - NXP Semiconductors SSL3401HN Datasheet HTML 6Page - NXP Semiconductors SSL3401HN Datasheet HTML 7Page - NXP Semiconductors SSL3401HN Datasheet HTML 8Page - NXP Semiconductors SSL3401HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SSL3401HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 January 2014
2 of 29
NXP Semiconductors
SSL3401HN
Low voltage dimmable controller for LED lighting
3.
Applications
General LED lighting with various power requirements
Dimmable 12 V MR16 and AR111 applications
4.
Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(3V3)
supply voltage (3.3 V)
2.6
3.3
3.6
V
IDD
supply current
-
10
-
mA
Vfbck(min)
minimum feedback voltage
minimum voltage over 1
AC supply cycle in
steady state closed loop
configuration;
full output power
-0.625
-V
fsw(PWM)
PWM switching frequency
-
12.5
-
kHz
Vhys
hysteresis voltage
comparator;
positive hysteresis;
VACMPx =1.5 V
Pin HYSTSET set
HIGH or
not connected
-20
-mV
Pin HYSTSET set
LOW
-10
-mV
comparator;
negative hysteresis;
VACMPx =1.5 V
Pin HYSTSET set
HIGH or not connected
-
20
-
mV
Pin HYSTSET set
LOW
-
10
-
mV
IO(sc)H
HIGH-level short-circuit
output current
pin BSTDRVx; VOH =0V
-
-
45
mA
IO(sc)L
LOW-level short-circuit
output current
pin BSTDRVx;
VOH =3.3 V
--50
mA
Vth(scp)LED
LED short-circuit protection
threshold voltage
pin FB
-
2.4
3.9
V
Vth(ovp)
overvoltage protection
threshold voltage
pin OVP
-
1.90
-
V
Vovp(hys)
overvoltage protection
voltage hysteresis
pin OVP
-
0.55
-
V
Tamb
ambient temperature
operating
0
-
105
C
Tth(otp)
overtemperature protection
threshold temperature
die junction temperature
-
125
-
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com