Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL3401HN Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SSL3401HN
Description  Low voltage dimmable controller for LED lighting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL3401HN Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SSL3401HN Datasheet HTML 17Page - NXP Semiconductors SSL3401HN Datasheet HTML 18Page - NXP Semiconductors SSL3401HN Datasheet HTML 19Page - NXP Semiconductors SSL3401HN Datasheet HTML 20Page - NXP Semiconductors SSL3401HN Datasheet HTML 21Page - NXP Semiconductors SSL3401HN Datasheet HTML 22Page - NXP Semiconductors SSL3401HN Datasheet HTML 23Page - NXP Semiconductors SSL3401HN Datasheet HTML 24Page - NXP Semiconductors SSL3401HN Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
SSL3401HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 January 2014
21 of 29
NXP Semiconductors
SSL3401HN
Low voltage dimmable controller for LED lighting
[1]
CL = 10 pF; results from measurements on silicon samples over process corners and over the full temperature range
Tamb = 40 Cto+85 C.
[2]
Input hysteresis is relative to the reference input channel.
Dynamic characteristics
tPD
propagation delay
HIGH to LOW; VDD(3V3) =3.0 V
[1]
VIC = 0.1 V; 50 mV overdrive input
-
129
140
ns
VIC = 1.5 V; 50 mV overdrive input
[1]
-112
130
ns
VIC = 2.9 V; 50 mV overdrive input
[1]
-
151
170
ns
LOW to HIGH; VDD(3V3) = 3.0 V;
[1]
VIC = 0.1 V; 50 mV overdrive input
-
232
240
ns
VIC = 1.5 V; 50 mV overdrive input
[1]
-
210
230
ns
VIC = 2.9 V; 50 mV overdrive input
[1]
-
166
190
ns
Vhys
hysteresis voltage
comparator; positive hysteresis;
VACMPx =1.5 V
[2]
Pin HYSTSET set HIGH or
not connected
-20
-
mV
Pin HYSTSET set LOW
-
10
-
mV
comparator; negative hysteresis;
VACMPx =1.5 V
Pin HYSTSET set HIGH or not
connected
-
20
-
mV
Pin HYSTSET set LOW
-
10
-
mV
Table 13.
Comparator characteristics …continued
VDD(3V3)= 3.0 V and Tamb = 25 C unless noted otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 14.
Protection characteristics
VDD(3V3)= 3.0 V and Tamb = 25 C unless noted otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ilim(L)M
peak inductor current limit
240 m
coil current sensing
resistor; latching current disabled
-1.7
-
A
Vth(scp)LED
LED short-circuit protection
threshold voltage
pin FB
1.8
V
tprot(sc)LED
LED short-circuit protection
time
voltage at pin FB continuously
exceeding Vth(sledp); 50 Hz AC
supply
-
500
-
ms
Vth(ovp)
overvoltage protection
threshold voltage
pin OVP
-
1.9
-
V
Vovp(hys)
overvoltage protection
voltage hysteresis
pin OVP
0.55
V
Tact(th_fold)
thermal foldback activation
temperature
die junction temperature
-
105
-
C
Tth(otp)
overtemperature protection
threshold temperature
die junction temperature
-
125
-
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com