Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126IPL Datasheet(PDF) 10 Page - Microchip Technology

Part # TC7126IPL
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126IPL Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC7126IPL Datasheet HTML 6Page - Microchip Technology TC7126IPL Datasheet HTML 7Page - Microchip Technology TC7126IPL Datasheet HTML 8Page - Microchip Technology TC7126IPL Datasheet HTML 9Page - Microchip Technology TC7126IPL Datasheet HTML 10Page - Microchip Technology TC7126IPL Datasheet HTML 11Page - Microchip Technology TC7126IPL Datasheet HTML 12Page - Microchip Technology TC7126IPL Datasheet HTML 13Page - Microchip Technology TC7126IPL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC7126/A
DS21458B-page 10
© 2002 Microchip Technology Inc.
4.0
ANALOG SECTION
In addition to the basic integrate and de-integrate dual
slope cycles discussed above, the TC7126A design
incorporates an auto-zero cycle. This cycle removes
buffer amplifier, integrator and comparator offset volt-
age error terms from the conversion. A true digital zero
reading results without external adjusting potentiome-
ters. A complete conversion consists of three phases:
1.
Auto-Zero phase
2.
Signal Integrate phase
3.
Reference Integrate phase
4.1
Auto-Zero Phase
During the auto-zero phase, the differential input signal
is disconnected from the circuit by opening internal
analog gates. The internal nodes are shorted to analog
common (ground) to establish a zero input condition.
Additional analog gates close a feedback loop around
the integrator and comparator. This loop permits com-
parator offset voltage error compensation. The voltage
level established on CAZ compensates for device offset
voltages. The auto-zero phase residual is typically
10
µVto 15µV. The auto-zero cycle length is 1000 to
3000 clock periods.
4.2
Signal Integrate Phase
The auto-zero loop is entered and the internal differen-
tial inputs connect to VIN+ and VIN-. The differential
input signal is integrated for a fixed time period. The
TC7126/A signal integration period is 1000 clock
periods or counts. The externally set clock frequency is
divided by four before clocking the internal counters.
The integration time period is:
EQUATION 4-1:
The differential input voltage must be within the device
Common mode range when the converter and mea-
sured system share the same power supply common
(ground). If the converter and measured system do not
share the same power supply common, VIN- should be
tied to analog common.
Polarity is determined at the end of signal integrate
phase. The sign bit is a true polarity indication, in that
signals less than 1LSB are correctly determined. This
allows precision null detection limited only by device
noise and auto-zero residual offsets.
4.3
Reference Integrate Phase
The third phase is reference integrate or de-integrate.
VIN- is internally connected to analog common and VIN+
is connected across the previously charged reference
capacitor. Circuitry within the chip ensures that the
capacitor will be connected with the correct polarity to
cause the integrator output to return to zero. The time
required for the output to return to zero is proportional to
the input signal and is between 0 and 2000 counts. The
digital reading displayed is:
EQUATION 4-2:
5.0
DIGITAL SECTION
The TC7126A contains all the segment drivers neces-
sary to directly drive a 3-1/2 digit LCD, including an
LCD backplane driver. The backplane frequency is the
external clock frequency divided by 800. For 3 conver-
sions per second, the backplane frequency is 60Hz
with a 5V nominal amplitude. When a segment driver is
in phase with the backplane signal, the segment is
OFF. An out of phase segment drive signal causes the
segment to be ON (visible). This AC drive configuration
results in negligible DC voltage across each LCD seg-
ment, ensuring long LCD life. The polarity segment
driver is ON for negative analog inputs. If VIN+and VIN-
are reversed, this indicator reverses.
On the TC7126A, when the TEST pin is pulled to V+, all
segments are turned ON and the display reads -1888.
During this mode, LCD segments have a constant DC
voltage impressed.
The display font and segment drive assignment are
shownin Figure5-1.
FIGURE 5-1:
DISPLAY FONT AND
SEGMENT ASSIGNMENT
TSI =
4
FOSC
x 1000
Where: FOSC = external clock frequency.
Note:
Do not leave the display in this mode for
more than several minutes. LCDs may be
destroyed if operated with DC levels for
extended periods.
VIN
VREF
1000
Display Font
1000's
100's
10's
1's



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com