Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126IPL Datasheet(PDF) 14 Page - Microchip Technology

Part # TC7126IPL
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126IPL Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC7126IPL Datasheet HTML 10Page - Microchip Technology TC7126IPL Datasheet HTML 11Page - Microchip Technology TC7126IPL Datasheet HTML 12Page - Microchip Technology TC7126IPL Datasheet HTML 13Page - Microchip Technology TC7126IPL Datasheet HTML 14Page - Microchip Technology TC7126IPL Datasheet HTML 15Page - Microchip Technology TC7126IPL Datasheet HTML 16Page - Microchip Technology TC7126IPL Datasheet HTML 17Page - Microchip Technology TC7126IPL Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TC7126/A
DS21458B-page 14
© 2002 Microchip Technology Inc.
7.5
TC7126A Internal Voltage
Reference
The TC7126A's analog common voltage temperature
stability has been significantly improved (Figure 7-3).
The "A" version of the industry standard TC7126
device allows users to upgrade old systems and design
new systems, without external voltage references.
External R and C values do not need to be changed.
Figure 7-4 shows analog common supplying the
necessary voltage reference for the TC7126A.
FIGURE 7-3:
ANALOG COMMON TEMP.
COEFFICIENT
FIGURE 7-4:
TC7126A INTERNAL
VOLTAGE REFERENCE
CONNECTION
8.0
TYPICAL APPLICATIONS
8.1
Liquid Crystal Display Sources
Several manufacturers supply standard LCDs to inter-
face with the TC7126A, 3-1/2 digit analog-to-digital
converter.
Note:
Contact LCD manufacturer for full product listing/
specifications.
8.2
Decimal Point and Annunciator
Drive
The TEST pin is connected to the internally generated
digital logic supply ground through a 500
Ω resistor. The
TEST pin may be used as the negative supply for exter-
nal CMOS gate segment drivers. LCD annunciators for
decimal points, low battery indication, or function indi-
cation may be added, without adding an additional sup-
ply. No more than 1mA should be supplied by the TEST
pin; its potential is approximately 5V below V+ (see
Figure 8-1).
FIGURE 8-1:
DECIMAL POINT AND
ANNUNCIATOR DRIVES
Typical
Maximum
Typical
Typical
200
180
160
140
120
100
80
60
40
20
0
TC7126A
ICL7136
No
Maximum
Specified
No
Maximum
Specified
ICL7126
V-
ANALOG
COMMON
TC7126A
VREF+
32
35
36
26
240k
Ω
10k
Ω
VREF-
VREF
1
+
9V
SET VREF = 1/2 VREF
V+
Manufacturer
Address/Phone
Representative
Part Numbers*
Crystaloid
Electronics
5282 Hudson Dr.
Hudson, OH 44236
216-655-2429
C5335, H5535,
T5135, SX440
AND
720 Palomar Ave.
Sunnyvale, CA 94086
408-523-8200
FE 0801
FE 0203
VGI, Inc.
1800 Vernon St., Ste. 2
Roseville, CA 95678
916-783-7878
LD-B709BZ
LD-H7992AZ
Hamlin, Inc.
612 E. Lake St.
Lake Mills,
WI 53551
414-648-2361
3902, 3933,
3903
TC7126A
V+
V+
TEST
GND
4030
BP
TC7126A
BP
TEST
37
21
V+
V+
GND
To LCD
Decimal
Point
To LCD
Decimal
Point
To LCD
Decimal
Point
To
Backplane
4049
Multiple Decimal Point or
Annunciator Driver
Simple Inverter for Fixed Decimal Point
or Display Annunciator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com