Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126IPL Datasheet(PDF) 12 Page - Microchip Technology

Part # TC7126IPL
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126IPL Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC7126IPL Datasheet HTML 8Page - Microchip Technology TC7126IPL Datasheet HTML 9Page - Microchip Technology TC7126IPL Datasheet HTML 10Page - Microchip Technology TC7126IPL Datasheet HTML 11Page - Microchip Technology TC7126IPL Datasheet HTML 12Page - Microchip Technology TC7126IPL Datasheet HTML 13Page - Microchip Technology TC7126IPL Datasheet HTML 14Page - Microchip Technology TC7126IPL Datasheet HTML 15Page - Microchip Technology TC7126IPL Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC7126/A
DS21458B-page 12
© 2002 Microchip Technology Inc.
6.5
Oscillator Components
COSC should be 50pF; ROSC is selected from the
equation:
EQUATION 6-2:
For a 48kHz clock (3 conversions per second),
R = 180k
Ω.
Note that FOSC is 44 to generate the TC7126A's inter-
nal clock. The backplane drive signal is derived by
dividing FOSC by 800.
To achieve maximum rejection of 60Hz noise pickup,
the signal integrate period should be a multiple of
60Hz. Oscillator frequencies of 24kHz, 12kHz, 80kHz,
60kHz, 40kHz, etc. should be selected. For 50Hz rejec-
tion,
oscillator
frequencies
of
20kHz,
100kHz,
66-2/3kHz, 50kHz, 40kHz, etc. would be suitable. Note
that 40kHz (2.5 readings per second) will reject both
50Hz and 60Hz.
6.6
Reference Voltage Selection
A full scale reading (2000 counts) requires the input
signal be twice the reference voltage.
Note:
VFS =2VREF.
In some applications, a scale factor other than unity
may exist between a transducer output voltage and the
required digital reading. Assume, for example, a pres-
sure transducer output for 2000lb/in2 is 400mV. Rather
than dividing the input voltage by two, the reference
voltage should be set to 200mV. This permits the trans-
ducer input to be used directly.
Thedifferential reference canalsobeusedwherea
digital zero reading is required when VIN is not equal to
zero. This is common in temperature measuring instru-
mentation. A compensating offset voltage can be
applied between analog common and VIN-. The trans-
ducer output is connected between VIN+ and analog
common.
7.0
DEVICE PIN FUNCTIONAL
DESCRIPTION
(Pin Numbers Refer to the 40-Pin PDIP.)
7.1
Differential Signal Inputs
VIN+(Pin31), VIN-(Pin 30)
The TC7126A is designed with true differential inputs
and accepts input signals within the input stage
Common mode voltage range (VCM). Typical range is
V+ – 1V to V- + 1V. Common mode voltages are
removed from the system when the TC7126A operates
from a battery or floating power source (isolated from
measured system), and VIN- is connected to analog
common (VCOM) (seeFigure7-2).
In systems where Common mode voltages exist, the
TC7126A's 86 dB Common mode rejection ratio mini-
mizes error. Common mode voltages do, however,
affect the integrator output level. A worst case condition
exists if a large positive VCM exists in conjunction with
a full scale negative differential signal. The negative
signal drives the integrator output positive along with
VCM (see Figure 7-1). For such applications, the inte-
grator output swing can be reduced below the recom-
mended 2V full scale swing. The integrator output
will swing within 0.3V of V+ or V- without increased
linearity error.
FIGURE 7-1:
COMMON MODE
VOLTAGE REDUCES
AVAILABLE INTEGRATOR
SWING (VCOM ≠ VIN)
Required Full Scale Voltage*
VREF
20mV
100mV
2V
1V
FOSC =
0.45
RC
RI
+
–
VIN
CI
Integrator
VI =
[
[
VCM – VIN
Input
Buffer
CI = Integration capacitor
RI = Integration resistor
4000
FOSC
tI = Integration time =
Where:
VI
–
+
–
+
tI
RI CI
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com