Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136ACLW Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7136ACLW
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136ACLW Datasheet(HTML) 5 Page - Microchip Technology

  TC7136ACLW Datasheet HTML 1Page - Microchip Technology TC7136ACLW Datasheet HTML 2Page - Microchip Technology TC7136ACLW Datasheet HTML 3Page - Microchip Technology TC7136ACLW Datasheet HTML 4Page - Microchip Technology TC7136ACLW Datasheet HTML 5Page - Microchip Technology TC7136ACLW Datasheet HTML 6Page - Microchip Technology TC7136ACLW Datasheet HTML 7Page - Microchip Technology TC7136ACLW Datasheet HTML 8Page - Microchip Technology TC7136ACLW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21461B-page 5
TC7136/TC7136A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (V+ to V-) ....................................... 15V
Analog Input Voltage (Either Input) (Note 1)... V+ to V-
Reference Input Voltage (Either Input)............ V+ to V-
Clock Input .................................................TEST to V+
Package Power Dissipation (TA ≤ 70°C) (Note 2):
Plastic DIP ................................................... 1.23W
Plastic Quad Flat Package .......................... 1.00W
PLCC ........................................................... 1.23W
Operating Temperature Range:
C Devices.......................................... 0°C to +70°C
I Devices ........................................ -25°C to +85°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC7136 AND TC7136A ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VS =9V, fCLK =16kHz, and TA = +25°C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Input
Zero Input Reading
-000.0
±000.0
+000.0
Digital
Reading
VIN = 0V, Full Scale = 200mV
Zero Reading Drift
—
0.2
1
µV/°C
VIN =0V, 0°C ≤ TA ≤ +70°C
Ratiometric Reading
999
999/1000
1000
Digital
Reading
VIN =VREF,VREF = 100mV
NL
Non-Linearity Error
—
1
±0.2
Count
Full Scale = 20mV or 2V Max.
Deviation from best Straight Line
ER
Rollover Error
-1
-1
±0.2
1 Count
VIN-= VIN+ ≈ 200mV
eN
Noise
—
15
—
µVP-P
VIN = 0V, Full Scale = 200mV
IL
Input Leakage Current
—
1
10
pA
VIN =0V
CMRR
Common Mode Rejection Ratio
—
50
—
µV/V
VCM =±1V, VIN =0V, Full Scale= 200mV
TCSF
Scale Factor Temperature
Coefficient
—1
5
ppm/°C
VIN =199mV,0°C ≤ TA ≤ +70°C
Ext. Ref. Temp. Coeff. = 0ppm/°C
Note
1:
Input voltages may exceed supply voltages when input current is limited to 100
µA.
2:
Dissipation rating assumes device is mounted with all leads soldered to PC board.
3:
Refer to "Differential Input" discussion.
4:
Backplane drive is in phase with segment drive for "OFF" segment and 180° out-of-phase for "ON" segment. Frequency
is 20 times conversion rate. Average DC component is less than 50mV.
5:
See "Typical Application".
6:
A 48kHz oscillator increases current by 20
µA (typical). Common current not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com