Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136ACLW Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7136ACLW
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136ACLW Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7136ACLW Datasheet HTML 2Page - Microchip Technology TC7136ACLW Datasheet HTML 3Page - Microchip Technology TC7136ACLW Datasheet HTML 4Page - Microchip Technology TC7136ACLW Datasheet HTML 5Page - Microchip Technology TC7136ACLW Datasheet HTML 6Page - Microchip Technology TC7136ACLW Datasheet HTML 7Page - Microchip Technology TC7136ACLW Datasheet HTML 8Page - Microchip Technology TC7136ACLW Datasheet HTML 9Page - Microchip Technology TC7136ACLW Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC7136/TC7136A
DS21461B-page 6
© 2002 Microchip Technology Inc.
Analog Common
VCTC
Analog Common Temperature
Coefficient
250k
Ω between Common and V+
TC7136A
—
35
75
ppm/°C
0°C
≤ TA ≤ +70°C
TC7136
—
70
150
ppm/°C
"C" Commercial Temp. Range Devices
TC7136A
—
35
100
ppm/°C
-25°C
≤ T
A ≤ +85°C
TC7136
—
70
150
ppm/°C
"I" Industrial Temp. Range Devices
VC
Analog Common Voltage
2.7
3.05
3.35
V
250k
Ω Between Common and V+
LCD Drive
VSD
LCD Segment Drive Voltage
4
5
6
VP-P
V+ to V- = 9V
VBD
LCD Backplane Drive Voltage
4
5
6
VP-P
V+ to V- = 9V
Power Supply
IS
Power Supply Current
—
70
100
µAVIN =0V, V+ to V- = 9V (Note 6)
TC7136 AND TC7136A ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VS =9V, fCLK =16kHz, and TA = +25°C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1:
Input voltages may exceed supply voltages when input current is limited to 100
µA.
2:
Dissipation rating assumes device is mounted with all leads soldered to PC board.
3:
Refer to "Differential Input" discussion.
4:
Backplane drive is in phase with segment drive for "OFF" segment and 180° out-of-phase for "ON" segment. Frequency
is 20 times conversion rate. Average DC component is less than 50mV.
5:
See "Typical Application".
6:
A 48kHz oscillator increases current by 20
µA (typical). Common current not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com