Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136ACLW Datasheet(PDF) 12 Page - Microchip Technology

Part # TC7136ACLW
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136ACLW Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC7136ACLW Datasheet HTML 8Page - Microchip Technology TC7136ACLW Datasheet HTML 9Page - Microchip Technology TC7136ACLW Datasheet HTML 10Page - Microchip Technology TC7136ACLW Datasheet HTML 11Page - Microchip Technology TC7136ACLW Datasheet HTML 12Page - Microchip Technology TC7136ACLW Datasheet HTML 13Page - Microchip Technology TC7136ACLW Datasheet HTML 14Page - Microchip Technology TC7136ACLW Datasheet HTML 15Page - Microchip Technology TC7136ACLW Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC7136/TC7136A
DS21461B-page 12
© 2002 Microchip Technology Inc.
An exact expression for CINT is:
EQUATION 6-1:
CINT must have low dielectric absorption to minimize
rollover
error.
A
polypropylene
capacitor
is
recommended.
6.4
Integrating Resistor (RINT)
The input buffer amplifier and integrator are designed
with Class A output stages. The output stage idling cur-
rent is 6
µA. The integrator and buffer can supply 1µA
drive currents with negligible linearity errors. RINT is
chosen to remain in the output stage linear drive
region, but not so large that PC board leakage currents
induce errors. For a 200mV full scale, RINT is 180kΩ.A
2V full scale requires 1.8M
Ω (see Table 6-1).
TABLE 6-1:
Note:
FOSC = 48kHz (3 reading per sec).
ROSC =180kΩ, COSC =50pF.
6.5
Oscillator Components
COSC should be 50pF. ROSC is selected from the
equation:
EQUATION 6-2:
Note that FOSC is ÷ 4 to generate the TC7136A's inter-
nal clock. The backplane drive signal is derived by
dividing FOSC by 800.
To achieve maximum rejection of 60Hz noise pickup,
the signal integrate period should be a multiple of
60Hz. Oscillator frequencies of 240kHz, 120kHz,
80kHz, 60kHz, 40kHz, etc. should be selected. For
50Hz rejection, oscillator frequencies of 200kHz,
100kHz, 66-2/3kHz, 50kHz, 40kHz, etc. would be suit-
able. Note that 40kHz (2.5 readings per second) will
reject both 50Hz and 60Hz.
6.6
Reference Voltage Selection
A full scale reading (2000 counts) requires the input
signal be twice the reference voltage.
Note:
*VREF =2VREF.
In some applications, a scale factor other than unity
may exist between a transducer output voltage and the
required digital reading. Assume, for example, a pres-
sure transducer output for 2000 lb/in2 is 400mV. Rather
than dividing the input voltage by two, the reference
voltage should be set to 200mV. This permits the trans-
ducer input to be used directly. The differential refer-
ence can also be used when a digital zero reading is
required, when VIN is not equal to zero. This is common
in temperature measuring instrumentation. A compen-
sating offset voltage can be applied between analog
common and VIN-. The transducer output is connected
between VIN+ and analog common.
Component
Value
Nominal Full Scale Voltage
200mV
2V
CAZ
0.47
µF0.1µF
RINT
180k
Ω
1.8M
Ω
CINT
0.047
µF
0.047
µF
(4000)
1
FOSC
CINT =
VFS
RINT
VINT
Where:
FOSC = Clock frequency at Pin 38
VFS = Full scale input voltage
RINT = Integrating resistor
VINT = Desired full scale integrator output swing
Required Full Scale Voltage*
VREF
200mV
100mV
2V
1V
FOSC =
0.45
RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com