Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC818 Datasheet(PDF) 16 Page - Microchip Technology

Part # TC818
Description  Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC818 Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC818 Datasheet HTML 12Page - Microchip Technology TC818 Datasheet HTML 13Page - Microchip Technology TC818 Datasheet HTML 14Page - Microchip Technology TC818 Datasheet HTML 15Page - Microchip Technology TC818 Datasheet HTML 16Page - Microchip Technology TC818 Datasheet HTML 17Page - Microchip Technology TC818 Datasheet HTML 18Page - Microchip Technology TC818 Datasheet HTML 19Page - Microchip Technology TC818 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TC818A
DS21475B-page 16
© 2002 Microchip Technology Inc.
FIGURE 3-12:
TRIPLEX LCD DRIVE WAVEFORMS
a
f
b
g
e
d
c
FE
AGD
BCP
BP1
BP2
BP3
Backplanes
123456
VP (3V)
BP1
BP2
BP3
VP
VH
VL
0
VP
VH
VL
0
Waveforms to Generate
Segments
TC818A
1
23
4
5
6
Segments
VP
VH
0
-VL
-VH
-VP
VP
VH
VL
0
-VL
-VH
-VP
VP
VH
VL
0
-VL
-VH
-VP
VP
VH
VL
0
-VL
-VP
VP
VH
VL
0
-VL
-VP
VP
VH
VL
-VL
-VP
VP
VH
VL
0
-VL
-VH
-VP
a (FE – BP1)
"ON"
b (BCP – BP1)
"ON"
c (BCP – BP2)
"ON"
d (AGD – BP3)
"ON"
e (FE – BP2)
"OFF"
f (FE – BP1)
"OFF"
g (AGD – BP2)
"ON"
Applied
RMS Voltage
VRMS =
VRMS =
VRMS =
VP
11
3
3
VRMS =
VP
11
3
3
VRMS =
VP
11
3
3
VRMS =
VP
11
3
3
VRMS =
VP
11
3
3
VP
3
VP
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com