Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC818 Datasheet(PDF) 20 Page - Microchip Technology

Part # TC818
Description  Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC818 Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC818 Datasheet HTML 16Page - Microchip Technology TC818 Datasheet HTML 17Page - Microchip Technology TC818 Datasheet HTML 18Page - Microchip Technology TC818 Datasheet HTML 19Page - Microchip Technology TC818 Datasheet HTML 20Page - Microchip Technology TC818 Datasheet HTML 21Page - Microchip Technology TC818 Datasheet HTML 22Page - Microchip Technology TC818 Datasheet HTML 23Page - Microchip Technology TC818 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TC818A
DS21475B-page 20
© 2002 Microchip Technology Inc.
FIGURE 3-15:
R
Ω CALCULATION (200Ω
MANUAL OPERATION)
Where:
VANCOM = Potential at Analog Common ≈ 2.7V
RS
= 220
Ω
RI
= 163.85
Ω
RX
= 300
Ω
RS
= Internal switch 33 resistance
≈ 600Ω
EQUATION 3-2:
For a 3.1V integrator swing, the value of R
ΩBUF is
easily calculated:
Where:
VINT
= Integrator swing = 3.1V
TI
= Integration time = 100msec
CI
= Integration capacitor = 0.1µF
RXMAX
=300
Ω
VXMAX
= 700mV
EQUATION 3-3:
With a low battery voltage of 6.6V, analog common will
be approximately 3.6V above the negative supply termi-
nal. With the integrator swinging down from analog com-
mon toward the negative supply, a 3.1V swing will set
the integrator output to 0.5V above the negative supply.
3.21
Capacitors - CINT,CAZ and CREF
The integration capacitor, CINT, must have low dielec-
tric absorption. A 0.1
µF polypropylene capacitor is sug-
gested. The auto-zero capacitor, CAZ, and reference
capacitor, CREF, should be selected for low leakage
and dielectric absorption. Polystyrene capacitors are
good choices.
3.22
Reference Voltage Adjustment
The TC818A contains a low temperature drift internal
voltage reference. The analog common potential
(Pin 29) is established by this reference. Maximum drift
is a low 75ppm/°C. Analog common is designed to be
approximately 2.6V below VCC (Pin 28). A resistive
divider
(R18/R19,
Functional Diagram)
sets
the
TC818A reference input voltage (REFHI, Pin 34) to
approximately 163.85mV.
With an input voltage near full scale on the 200mV
range, R19 is adjusted for the proper reading.
3.23
Display Hold Feature
The LCD will not be updated when HOLD (Pin 60) is
connected to GND (Pin 58). Conversions are made, but
the display is not updated. A HOLD mode LCD annun-
ciator is activated when HOLD is low.
The LCD HOLD annunciator is activated through the
triplex LCD driver signal at Pin 13.
3.24
Flat Package Socket
Sockets suitable for prototype work are available. A
USA source is:
• Nepenthe Distribution
2471 East Bayshore, Suite 520
Palo Alto, CA 94303
(415) 856-9332
TWX: 910-373-2060
“CBQ” Socket, Part No. IC51-064-042
3.25
Resistive Ladder Networks
Resistor attenuator networks for voltage and resistance
measurements are available from:
• Caddock Electronics
1717 Chicago Avenue
Riverside, CA 92507
Tel: (714) 788-1700
TWX: 910-332-6108
TABLE 3-6:
RESISTIVE LADDER
NETWORKS
163.85
Ω
220
Ω
300
Ω
RS ≈ 600Ω
SW33
R1
R2
R3
VX
Analog Common = VCC – 3V
VCC = 9V
R
ΩBUF =
(VCC –VANCOM)RX
(RX +RS +R1 +R8)
=0.63V
R
ΩBUF =
VXMAX(TI)
CI(VINT)
= 200k
Ω
Attenuator
Accuracy
Attenuator Type
Caddock
Part Number
0.1%
Voltage
1776-C441
0.25%
Voltage
1776-C44
0.25%
Resistance
T1794-204-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com