Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35502AFP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M35502AFP
Description  FLD CONTROLLER?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35502AFP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M35502AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
MITSUBISHI LINEAR IC’s
M35502AFP
FLD CONTROLLER
FLD DISPLAY TIMING
Fig.7 FLD display timing diagram
Fig.8 Segment/Digit setting example
SEGMENT/DIGIT SETTING EXAMPLE
Toff
Tdisp
Digit
Segment
Tdisp = 384
µs (oscillation frequency f(OSC) = 2.0 MHz)
Toff
312
µs (3/16 ! Tdisp)
288
µs (4/16 ! Tdisp)
240
µs (6/16 ! Tdisp)
24
µs (15/16 ! Tdisp)
Gn
Gn-1
G1
Segment
output
Tdisp
Tscan=0ns
Tn
Tn-1
T1
Tn
Tn-1
PORT
FLD
Grid: 5
S egm ent: 8
1
FLD0
SEG1
2
FLD1
SEG2
3
FLD2
SEG3
4
FLD3
SEG4
5
FLD4
SEG5
6
FLD5
SEG6
7
FLD6
SEG7
8
FLD7
SEG8
9
FLD8
SEG9
10
FLD9
SEG10
11
FLD10
GRID5
SEG11
12
FLD11
GRID4
GRID7
SEG12
13
FLD12
GRID3
GRID6
SEG13
14
FLD13
GRID2
GRID5
SEG14
15
FLD14
GRID1
GRID4
SEG15
16
FLD15
GRID3
SEG16
17
GRID2
GRID10
18
GRID1
GRID9
19
GRID8
20
21
22
23
24
P2
25
P1
P0
FLD16
FLD17
FLD18
FLD19
FLD20
FLD21
FLD22
FLD23
FLD24
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
GRID7
GRID6
GRID5
GRID4
GRID3
GRID2
GRID1
SEG17
SEG18
GRID7
GRID6
GRID5
GRID4
GRID3
GRID2
GRID1
S egm ent: 8
S egm ent: 8
Grid: 7
Segm ent:18
Grid: 7
Grid: 10
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com