Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35502AFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M35502AFP
Description  FLD CONTROLLER?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35502AFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M35502AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
M35502AFP
DESCRIPTION/FEATURES
• High-breakdown-voltage output port ......................................... 25
• Segment output ............................................ 8 to 20
• Digit output ................................................... 5 to 16
(Ports P0 to P2 are also used as normal output ports)
• Output breakdown .................................. Vcc – 45 V
• Output current ............... –18 mA (at DIG selecting),
–7 mA (at SEG selecting)
• Pull-down resistor ......................................... built-in
• Dimmer switch ............................................ 4 levels
• A-D converter ................................................... 8-bit ! 4 channels
• Absolute accuracy ....................................... ±3 LSB
PIN CONFIGURATION (TOP VIEW)
MITSUBISHI LINEAR IC’s
FLD CONTROLLER
• Serial I/O ..................................... 3 (CS controller, external clock)
• Noise filter ..................................................... built-in
(in serial input pin and clock pin, 2 MHz sampling)
• FLD display data ............................................. input
• A-D conversion data ..................................... output
• Command ....................................................... input
• Package ......................................................................... 36P2R-G
• Oscillation circuit ........... CR oscillation cirucit (external capacitor)
• Oscillation frequency..................................... 2 MHz
• Power source voltage .................................................. 4.0 to 5.5 V
Fig.1 Pin configuration of M35502AFP
Package type: 36P2R-G
M35502AFP


Similar Part No. - M35502AFP

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M3550 PETERMANN-M3550 Datasheet
133Kb / 3P
HIGH RELIABILITY FOR LOW COST
logo
Mitsubishi Electric Sem...
M35500 MITSUBISHI-M35500 Datasheet
169Kb / 16P
FLD(VFD) CONTROLLER
M35500AFP MITSUBISHI-M35500AFP Datasheet
169Kb / 16P
FLD(VFD) CONTROLLER
M35500BGP MITSUBISHI-M35500BGP Datasheet
169Kb / 16P
FLD(VFD) CONTROLLER
M35501FP MITSUBISHI-M35501FP Datasheet
141Kb / 14P
FLD(VFD) DIGIT EXPANDER
More results

Similar Description - M35502AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35500AFP MITSUBISHI-M35500AFP Datasheet
169Kb / 16P
FLD(VFD) CONTROLLER
M35501FP MITSUBISHI-M35501FP Datasheet
141Kb / 14P
FLD(VFD) DIGIT EXPANDER
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
logo
Power-One
XCS POWER-ONE-XCS Datasheet
36Kb / 2P
Controller
logo
Hitachi Semiconductor
H2570 HITACHI-H2570 Datasheet
114Kb / 2P
CONTROLLER
logo
ON Semiconductor
FUSB3301 ONSEMI-FUSB3301 Datasheet
112Kb / 7P
Controller for Controller for Adapters
March, 2018 ??Rev. 2
logo
TT Electronics.
DS3019 TTELEC-DS3019 Datasheet
310Kb / 2P
Controller
logo
Festo Corporation.
4252742 FESTO-4252742 Datasheet
84Kb / 3P
Controller
4252744 FESTO-4252744 Datasheet
85Kb / 3P
Controller
5226780 FESTO-5226780 Datasheet
76Kb / 2P
Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com