Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35502AFP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M35502AFP
Description  FLD CONTROLLER?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35502AFP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M35502AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
MITSUBISHI LINEAR IC’s
M35502AFP
FLD CONTROLLER
Table 1 Pin description
Function
• Apply voltage of 5 V to VCC, and 0 V to VSS.
• Applies voltage supplied to pull-down resistors.
• Connect an external capacitor to this pin.
• Serial transfer is possible by inputting “L” signal.
• Pull-up resistor is built in.
• Clock for serial transfer is input.
• Read a clock twice with 2 MHz sampling clock and judge if it is a noise or not.
• Serial data is input/output.
• In input mode, read a clock twice with 2 MHz sampling clock and judge if it is a
noise or not.
• Pin for ordinary output or digit output.
• At reset this por t is set to VEE level through a pull-down resistor.
• Pin for digit output or segment output.
• At reset this por t is set to VEE level through a pull-down resistor.
Output
N-channel
open-drain
P-channel
open-drain
P-channel
open-drain
Pin
VCC, VSS
VEE
OSC
____
CS
SCLK
SDATA
FLD24/P0 –
FLD22/P2
FLD21–
FLD0
Name
Power source
Pull-down
power source
Clock input
Chip select
Serial clock
Serial input/
output
Digit/Port
Segment/Digit
Input
Input
CMOS input
CMOS input
Noise filter
CMOS input
Noise filter
PORT BLOCK
Fig.3 Port block diagram
PIN DESCRIPTION
(2) Segmen/Digit pin
VEE
Segment/Digit data
(1) Digit/Port pin
Data bus
Latch
VEE
Dimmer signal
(Note)
V
Digit data
V High-breakdown-voltage P-channel transistor
Note: Dimmer signal is for setting the Toff time.
A-D conversion input
(6) A-D input
(5) SCLK pin
Serial clock input
Noise filter
Serial output
(3) SDATA pin
Serial input
CS input
(4) CS pin
Noise filter
Dimmer signal
(Note)
Latch
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com