Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC835CPI Datasheet(PDF) 9 Page - Microchip Technology

Part # TC835CPI
Description  Personal Computer Data Acquisition A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC835CPI Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC835CPI Datasheet HTML 5Page - Microchip Technology TC835CPI Datasheet HTML 6Page - Microchip Technology TC835CPI Datasheet HTML 7Page - Microchip Technology TC835CPI Datasheet HTML 8Page - Microchip Technology TC835CPI Datasheet HTML 9Page - Microchip Technology TC835CPI Datasheet HTML 10Page - Microchip Technology TC835CPI Datasheet HTML 11Page - Microchip Technology TC835CPI Datasheet HTML 12Page - Microchip Technology TC835CPI Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21478B-page 9
TC835
4.0
ANALOG SECTION
FUNCTIONAL DESCRIPTION
(In Reference to the 28-Pin Plastic Package)
4.1
Differential Inputs
(+INPUT (Pin 10) and
–INPUT (Pin 9))
The TC835 operates with differential voltages within
the input amplifier Common mode range. The input
amplifier Common mode range extends from 0.5V
below the positive supply to 1V above the negative
supply. Within this Common mode voltage range, an
86dB Common mode rejection ratio is typical.
The integrator output also follows the Common mode
voltage. The integrator output must not be allowed to
saturate. An example of a worst case condition would
be when a large positive Common mode voltage with a
near full scale negative differential input voltage is
applied. The negative input signal drives the integrator
positive when most of its swing has been used up by
the positive Common mode voltage. For these critical
applications, the integrator swing can be reduced to
less than the recommended 4V full scale swing, with
the effect of reduced accuracy. The integrator output
can swing within 0.3V of either supply without loss of
linearity.
4.2
Analog Common Input (Pin 3)
ANALOG COMMON is used as the -INPUT return dur-
ing auto zero and de-integrate. If -INPUT is different
from ANALOG COMMON, a Common mode voltage
exists in the system. This signal is rejected by the
excellent CMRR of the converter. In most applications,
-INPUT will be set at a fixed, known voltage (power
supply common, for instance). In this application,
ANALOG COMMON should be tied to the same point,
thus removing the common-mode voltage from the
converter. The reference voltage is referenced to
ANALOG COMMON.
4.3
Reference Voltage Input
(REF IN (Pin 2))
The REF IN input must be a positive voltage with
respect to ANALOG COMMON. A reference voltage
circuit is shown in Figure 4-1.
FIGURE 4-1:
USING AN EXTERNAL
REFERENCE
MCP1525
2.5 VREF
V+
10k
10k
V+
REF
IN
ANALOG
COMMON
Analog Ground
TC835
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com