Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC835CPI Datasheet(PDF) 14 Page - Microchip Technology

Part # TC835CPI
Description  Personal Computer Data Acquisition A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC835CPI Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC835CPI Datasheet HTML 10Page - Microchip Technology TC835CPI Datasheet HTML 11Page - Microchip Technology TC835CPI Datasheet HTML 12Page - Microchip Technology TC835CPI Datasheet HTML 13Page - Microchip Technology TC835CPI Datasheet HTML 14Page - Microchip Technology TC835CPI Datasheet HTML 15Page - Microchip Technology TC835CPI Datasheet HTML 16Page - Microchip Technology TC835CPI Datasheet HTML 17Page - Microchip Technology TC835CPI Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TC835
DS21478B-page 14
© 2002 Microchip Technology Inc.
The clock used should be free from significant phase or
frequency jitter. Several suitable low-cost oscillators
are shown in Section 6.0, Typical Applications. The
multiplexed output means that if the display takes sig-
nificant current from the logic supply, the clock should
have good PSRR.
6.5
Zero Crossing Flip-Flop
The flip flop interrogates the data once every clock
pulse after the transients of the previous clock pulse
and half-clock pulse have died down. False zero cross-
ings caused by clock pulses are not recognized. Of
course, the flip flop delays the true zero crossing by up
to one count in every instance. If a correction were not
made, the display would always be one count too high.
Therefore, the counter is disabled for one clock pulse
at the beginning of the reference integrate (de-inte-
grate) phase. This one-count delay compensates for
the delay of the zero crossing flip flop and allows the
correct number to be latched into the display. Similarly,
a one-count delay at the beginning of auto zero gives
an overload display of 0000 instead of 0001. No delay
occurs during signal integrate, so that true ratiometric
readings result.
FIGURE 6-1:
4-1/2 DIGIT ADC MULTIPLEXED COMMON ANODE LED DISPLAY
20
19
18
17
12
23
7
8
16
15
14
13
11
2
1
3
9
10
22
6
5
4
6
2
1
7
5
9–15
16
bc
777
7
DM7447A
Blank MSD On Zero
D1 D2
D3
D4
D5
INT OUT
AZ IN
BUFF
OUT
FIN
+INPUT
–INPUT
ANALOG
COMMON
V –
REF
IN
POL
CREF-
B8
B4
B2
B1
+5V
+5V
X7
0.33
µF
200kHz
+
–
Analog
Input
1
µF
100k
Ω
1
µF
4.7k
Ω
1
µF
1
µF
–5V
100k
Ω
100k
Ω
D
B
C
A
RBI
V+
V+
CREF+
TC835
MCP1525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com