Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC835CPI Datasheet(PDF) 16 Page - Microchip Technology

Part # TC835CPI
Description  Personal Computer Data Acquisition A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC835CPI Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC835CPI Datasheet HTML 12Page - Microchip Technology TC835CPI Datasheet HTML 13Page - Microchip Technology TC835CPI Datasheet HTML 14Page - Microchip Technology TC835CPI Datasheet HTML 15Page - Microchip Technology TC835CPI Datasheet HTML 16Page - Microchip Technology TC835CPI Datasheet HTML 17Page - Microchip Technology TC835CPI Datasheet HTML 18Page - Microchip Technology TC835CPI Datasheet HTML 19Page - Microchip Technology TC835CPI Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TC835
DS21478B-page 16
© 2002 Microchip Technology Inc.
FIGURE 6-5:
TEST CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
100k
Ω
ANALOG GND
100
k
Ω
Signal
Input
0.1
µF
SET VREF = 1V
V-
REF IN
ANALOG
COMMON
INT OUT
AZ IN
BUFF OUT
CREF-
CREF+
–INPUT
+INPUT
D5 (MSD)
B1 (LSB)
B2
V+
UNDERRANGE
OVERRANGE
STROBE
RUN/HOLD
DIGTAL GND
POLARITY
CLOCK IN
BUSY
(LSD) D1
D2
D4
(MSB) B8
B4
D3
+5V
1
µF
100 k
Ω
1
µF
0.47
µF
VREF IN
Clock
Input
120kHz
–5V
TC835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com