Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850CLW Datasheet(PDF) 13 Page - Microchip Technology

Part # TC850CLW
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850CLW Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC850CLW Datasheet HTML 9Page - Microchip Technology TC850CLW Datasheet HTML 10Page - Microchip Technology TC850CLW Datasheet HTML 11Page - Microchip Technology TC850CLW Datasheet HTML 12Page - Microchip Technology TC850CLW Datasheet HTML 13Page - Microchip Technology TC850CLW Datasheet HTML 14Page - Microchip Technology TC850CLW Datasheet HTML 15Page - Microchip Technology TC850CLW Datasheet HTML 16Page - Microchip Technology TC850CLW Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
© 2006 Microchip Technology Inc.
DS21479C-page 13
TC850
TABLE 6-1:
BUS INTERFACE TRUTH TABLE
CE • CS
Pins 1 and 2
RD
Pin 4
CONT/DEMAND
Pin 5
L/H
Pin 7
OVR/POL
Pin 6
DB7
Pin 8
DB6–DB0
Pin 9-Pin 15 (Note 1)
00
0
0
0
“1” = Input Positive
Data Bits 14 - 8
00
0
0
1
“1” = Input Overrange
(Note 2)
Data Bits 14 - 8
00
0
1
X
Data Bit 7
Data Bits 6 - 0
00
1
X
X
Note 3
01
X
X
X
High-Impedance State
1X
X
X
X
High-Impedance State
Note
1:
Pin numbers refer to 40-pin PDIP.
2: Extended overrange operation: Although rated at 15 bits (±32,767 counts) of resolution, the TC850 provides an addi-
tional 191 counts above full scale. For example, with a full-scale input of 3.2768V, the maximum analog input voltage
which will be properly converted is 3.2958V. The extended resolution is signified by the overrange bit being high and the
low-order byte contents being between 0 and 190. For example, with a full-scale voltage of 3.2768V:
VIN
Overrange Bit
Low Byte
Data Bits 14–8
3.2767V
Low
25510
12710
3.2768V
High
00010
010
3.2769V
High
00110
010
3.2867V
High
09910
010
3: Continuous mode data transfer:
a. In Continuous mode, data MUST be read in three sequential bytes after the BUSY output goes low:
(1) The first byte read will be the high-order byte, with DB7 = polarity.
(2) The second byte read will contain the low-order byte.
(3) The third byte read will again be the high-order byte, but with DB7 = overrange.
b. All three data bytes must be read within 443-1/2 clock cycles after the falling edge of BUSY.
c.
The c input must go high after each byte is read, so that the internal byte counter will be incremented.
However, the CS and CEinputs can remain enabled through the entire data transfer sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com