Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850CLW Datasheet(PDF) 18 Page - Microchip Technology

Part # TC850CLW
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850CLW Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC850CLW Datasheet HTML 14Page - Microchip Technology TC850CLW Datasheet HTML 15Page - Microchip Technology TC850CLW Datasheet HTML 16Page - Microchip Technology TC850CLW Datasheet HTML 17Page - Microchip Technology TC850CLW Datasheet HTML 18Page - Microchip Technology TC850CLW Datasheet HTML 19Page - Microchip Technology TC850CLW Datasheet HTML 20Page - Microchip Technology TC850CLW Datasheet HTML 21Page - Microchip Technology TC850CLW Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TC850
DS21479C-page 18
© 2006 Microchip Technology Inc.
FIGURE 8-4:
Conversion Timing, Demand Mode
FIGURE 8-5:
Bus Output Timing, Demand Mode
WR Pulses are Ignored
836 Clock Cycles
1100 Clock Cycles
Internal Clock
BUSY
DB0-DB7
CS . CE
Next Convert
Command will be
Recognized
Previous Conversion
Data Valid
Data Meaningless
New Conversion Data Valid
Next Conversion
can Begin
319 Clock
Cycles
125 Clock
Cycles
. . . .
. . . . . . . .
WR
DB0-DB6
DB7
OVR/POL
L/H
TCE
TDHC
TDHR
TRE
CS . CE
HI-Z
*
Data Bits 8 to 14
High-Impedance
High-Impedance
Don't Care
Don't Care
Data Bits 0 tp 6
HI-Z
"1"= Input
Overrange
"1"= Positive
Polarity
Data Bit 7
tOP
TLH
RD
NOTE: CONT/DEMAND = LOW
*RD (as well as CS and CE) can go HIGH after each byte is read (i.e., in a mP bus interface)
or remain LOW during the entire DATA-READ sequence (i.e., mP I/O port interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com