Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850CLW Datasheet(PDF) 20 Page - Microchip Technology

Part # TC850CLW
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850CLW Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC850CLW Datasheet HTML 16Page - Microchip Technology TC850CLW Datasheet HTML 17Page - Microchip Technology TC850CLW Datasheet HTML 18Page - Microchip Technology TC850CLW Datasheet HTML 19Page - Microchip Technology TC850CLW Datasheet HTML 20Page - Microchip Technology TC850CLW Datasheet HTML 21Page - Microchip Technology TC850CLW Datasheet HTML 22Page - Microchip Technology TC850CLW Datasheet HTML 23Page - Microchip Technology TC850CLW Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TC850
DS21479C-page 20
© 2006 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
Package marking data not available at this time
9.2
Taping Form
9.3
Package Dimensions
Component Taping Orientation for 44-Pin PLCC Devices
NOTE: Drawing does not represent total number of pins.
Pin 1
User Direction of Feed
Standard Reel Component Orientation
for 713 Suffix Device
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
44-Pin PLCC
32 mm
24 mm
500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
.015 (0.38)
.008 (0.20)
.620 (15.75)
.590 (15.00)
.700 (17.78)
.620 (15.75)
.540 (13.72)
.510 (12.95)
2.070 (52.58)
2.030 (51.56)
.210 (5.33)
.170 (4.32)
.020 (0.51)
.016 (0.41)
.110 (2.79)
.090 (2.29)
.065 (1.65)
.045 (1.14)
.200 (5.08)
.125 (3.18)
.098 (2.49) Max.
.030 (0.76) Min.
.060 (1.52)
.020 (0.51)
.150 (3.81)
Min.
40-Pin CERDIP (Wide)
Pin 1
3
° Min.
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com