Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC911BCPA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC911BCPA
Description  Monolithic Auto-Zeroed Operational Amplifers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC911BCPA Datasheet(HTML) 1 Page - Microchip Technology

  TC911BCPA Datasheet HTML 1Page - Microchip Technology TC911BCPA Datasheet HTML 2Page - Microchip Technology TC911BCPA Datasheet HTML 3Page - Microchip Technology TC911BCPA Datasheet HTML 4Page - Microchip Technology TC911BCPA Datasheet HTML 5Page - Microchip Technology TC911BCPA Datasheet HTML 6Page - Microchip Technology TC911BCPA Datasheet HTML 7Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC911A
TC911B
TC911/A/B-7 9/11/96
© 2001 Microchip Technology Inc.
DS21481A
Monolithic Auto-Zeroed Operational Amplifers
FEATURES
s
First Monolithic Chopper-Stabilized Amplifier
With On-Chip Nulling Capacitors
s
Offset Voltage .................................................... 5
µV
s
Offset Voltage Drift .................................. 0.05
µV/°C
s
Low Supply Current ...................................... 350
µA
s
High Common-Mode Rejection .................... 116dB
s
Single Supply Operation ....................... 4.5V to 16V
s
High Slew Rate ......................................... 2.5V/
µsec
s
Wide Bandwidth ............................................ 1.5MHz
s
High Open-Loop Voltage Gain
(RL = 10kΩ) ..................................................... 120dB
s
Low Input Voltage Noise
(0.1Hz to 1Hz) ............................................ 0.65
µV
P-P
s
Pin Compatible With ICL7650
s
Lower System Parts Count
GENERAL DESCRIPTION
The TC911 CMOS auto-zeroed operational amplifier
is the first complete monolithic chopper-stabilized ampli-
fier. Chopper operational amplifiers like the ICL7650/7652
and LTC1052 require user-supplied, external offset com-
pensation storage capacitors. External capacitors are
not required with the TC911. Just as easy to use as the
conventional OP07 type amplifier, the TC911 significantly
reduces offset voltage errors. Pinout matches the OP07/
741/7650 8-pin mini-DIP configuration.
Several system benefits arise by eliminating the exter-
nal chopper capacitors: lower system parts count, reduced
assembly time and cost, greater system reliability, reduced
PC board layout effort and greater board area utilization.
Space savings can be significant in multiple-amplifier de-
signs.
Electrical specifications include 15
µV maximum offset
voltage, 0.15
µV/°C maximum offset voltage temperature
coefficient. Offset voltage error is five times lower than the
premium OP07E bipolar device. The TC911 improves off-
set drift performance by eight times.
The TC911 operates from dual or single power sup-
plies. Supply current is typically 350
µA. Single 4.5V to 16V
supply operation is possible, making single 9V battery
operation possible. The TC911 is available in 2 package
types: 8-pin plastic DIP and SOIC.
PIN CONFIGURATION (SOIC and DIP)
+
–
+
–
VDD
VSS
TC911
–INPUT
+INPUT
A
2
3
47
B
*
*
A
B
6
*NOTE: Internal capacitors. No external capacitors required.
MAIN
AMPLIFIER
LOW IMPEDANCE
OUTPUT BUFFER
INTERNAL
OSCILLATOR
(f
200 Hz)
OSC ≈
V
CORRECTION AMPLIFIER
OS
+
–
OUTPUT
1
2
3
4
8
7
6
5
OUTPUT
NC
+ INPUT
TC911ACPA
TC911BCPA
– INPUT
NC
NC
V
SS
V
SS
V
DD
V
DD
NC = NO INTERNAL CONNECTION
1
2
3
4
8
7
6
5
OUTPUT
NC
+ INPUT
TC911ACOA
TC911BCOA
– INPUT
NC
NC
ORDERING INFORMATION
Maximum
Temperature
Offset
Part No.
Package
Range
Voltage
TC911ACOA
8-Pin SOIC
0
°C to +70°C15µV
TC911ACPA
8-Pin
0
°C to +70°C15µV
Plastic DIP
TC911BCOA
8-Pin SOIC
0
°C to +70°C30µV
TC911BCPA
8-Pin
0
°C to +70°C30µV
Plastic DIP
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - TC911BCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC911BCPA TELCOM-TC911BCPA Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911BCPA MICROCHIP-TC911BCPA Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
More results

Similar Description - TC911BCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
Dual Auto-Zeroed Operational Amplifiers
2001
TC913A MICROCHIP-TC913A Datasheet
429Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2002
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
logo
Gamma Microelectronics ...
GM324 GAMMA-GM324 Datasheet
116Kb / 8P
LOW POWER QUAD OPERATIONAL AMPLIFERS
logo
Microchip Technology
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com