Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT60T03G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT60T03G-TQ2-R
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT60T03G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT60T03G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UT60T03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-183.D
ABSOLUTE MAXIMUM RATINGS(TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
45
A
Pulsed Drain Current (Note 2)
IDM
120
A
Power Dissipation (TC=25°C)
TO-220F
PD
56
W
TO-252
44
TO-263
54
DFN-8(5×6)
21
Junction Temperature
TJ
+150
°C
Strong Temperature
TSTG
-55 ~ +175
°C
Note:1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2 .Pulse width limited by safe operating area.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220F
θJA
62.5
°C/W
TO-252
110
TO-263
62
DFN-8(5×6)
46
Junction to Case
TO-220F
θJC
2.66
°C/W
TO-252
3.4
TO-263
1.24
DFN-8(5×6)
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com