Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT60T03G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT60T03G-TQ2-R
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT60T03G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT60T03G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT60T03
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-183.D
30V, 45A N-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UT60T03 can provide excellent RDS(ON) and low gate
charge by using UTC’s advanced trench technology.
FEATURES
* Very simple drive requirement
* Very low gate charge
* Fast switching
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
UT60T03L-TF3-T
UT60T03G-TF3-T
TO-220F
G
D
S
-
-
-
-
-
Tube
UT60T03L-TF3-R
UT60T03G-TF3-R
TO-220F
G
D
S
-
-
-
-
-
Tape Reel
UT60T03L-TN3-R
UT60T03G-TN3-R
TO-252
G
D
S
-
-
-
-
-
Tape Reel
UT60T03L-TQ2-R
UT60T03G-TQ2-R
TO-263
G
D
S
-
-
-
-
-
Tape Reel
UT60T03L-TQ2-T
UT60T03G-TQ2-T
TO-263
G
D
S
-
-
-
-
-
Tube
-
UT60T03G-K08-5060-R
DFN-8(5×6)
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UT60T03G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT60T03 UTC-UT60T03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UT60T03-TF3-R UTC-UT60T03-TF3-R Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UT60T03-TN3-R UTC-UT60T03-TN3-R Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UT60T03-TN3-T UTC-UT60T03-TN3-T Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UT60T03L-TF3-R UTC-UT60T03L-TF3-R Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT60T03G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3823 MICRO-ELECTRONICS-2N3823 Datasheet
237Kb / 2P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Central Semiconductor C...
2N4338 CENTRAL-2N4338 Datasheet
47Kb / 1P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215 Datasheet
133Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
KTX598TF KEC-KTX598TF Datasheet
37Kb / 2P
N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4860 NJSEMI-2N4860 Datasheet
161Kb / 2P
N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215_15 Datasheet
160Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2302 UTC-UT2302_15 Datasheet
294Kb / 5P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2308 UTC-UT2308_15 Datasheet
158Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT4404 UTC-UT4404_15 Datasheet
251Kb / 4P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
9N90-Q UTC-9N90-Q Datasheet
246Kb / 6P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com