Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT60T03G-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT60T03G-TQ2-R
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT60T03G-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT60T03G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UT60T03G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UT60T03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-183.D
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0 V, ID=250µA
30
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
1
µA
Gate-Body Leakage Current
IGSS
VGS=±20 V
±100
nA
Breakdown Voltage Temperature Coefficient ∆BVDSS/∆TJ Reference to 25°C, ID=1mA
0.026
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-Resistance(Note 1)
RDS(ON)
VGS=10V, ID=20A
12
mΩ
VGS=4.5V, ID=15A
25
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V,
f=1.0MHz
1135
pF
Output Capacitance
COSS
200
Reverse Transfer Capacitance
CRSS
135
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=20V, VGS=4.5V,
ID=20A (Note 1)
11.6
nC
Gate Source Charge
QGS
3.9
Gate Drain Charge
QGD
7
Turn-ON Delay Time
tD(ON)
VGS=10V, VDS=15V,
RD=0.75Ω, ID=20A,
RG=3.3Ω (Note 1)
8.8
ns
Turn-ON Rise Time
tR
57.5
Turn-OFF Delay Time
tD(OFF)
18.5
Turn-OFF Fall-Time
tF
6.4
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Forward On Voltage (Note 1)
VSD
IS=45A, VGS=0V
1.3
V
Reverse Recovery Time
tRR
IS=20A, VGS=0V,
dI/dt=100A/μs
23.3
ns
Reverse Recovery Charge
QRR
16
nC
Note: 1.Pulse width ≤ 300us , duty cycle ≤ 2%.
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com