Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2585 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 2 Page - Texas Instruments

  LM2585 Datasheet HTML 1Page - Texas Instruments LM2585 Datasheet HTML 2Page - Texas Instruments LM2585 Datasheet HTML 3Page - Texas Instruments LM2585 Datasheet HTML 4Page - Texas Instruments LM2585 Datasheet HTML 5Page - Texas Instruments LM2585 Datasheet HTML 6Page - Texas Instruments LM2585 Datasheet HTML 7Page - Texas Instruments LM2585 Datasheet HTML 8Page - Texas Instruments LM2585 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LM2585
SNVS120F – APRIL 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage
−0.4V ≤ VIN ≤ 45V
Switch Voltage
−0.4V ≤ VSW ≤ 65V
Switch Current (3)
Internally Limited
Compensation Pin Voltage
−0.4V ≤ VCOMP ≤ 2.4V
Feedback Pin Voltage
−0.4V ≤ VFB ≤ 2V
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
260°C
Maximum Junction Temperature(4)
150°C
Power Dissipation (4)
Internally Limited
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions the
device is intended to be functional, but device parameter specifications may not be specified under these conditions. For specifications
and test conditions see Electrical Characteristics (All Versions).
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Note that switch current and output current are not identical in a step-up regulator. Output current cannot be internally limited when the
LM2585 is used as a step-up regulator. To prevent damage to the switch, the output current must be externally limited to 3A. However,
output current is internally limited when the LM2585 is used as a flyback regulator (See Application Hints for more information).
(4)
The junction temperature of the device (TJ) is a function of the ambient temperature (TA), the junction-to-ambient thermal resistance
(
θJA), and the power dissipation of the device (PD). A thermal shutdown will occur if the temperature exceeds the maximum junction
temperature of the device: PD × θJA + TA(MAX) ≥ TJ(MAX). For a safe thermal design, check that the maximum power dissipated by the
device is less than: PD ≤ [TJ(MAX) − TA(MAX))]/θJA. When calculating the maximum allowable power dissipation, derate the maximum
junction temperature—this ensures a margin of safety in the thermal design.
Operating Ratings
Supply Voltage
4V
≤ VIN ≤ 40V
Output Switch Voltage
0V
≤ VSW ≤ 60V
Output Switch Current
ISW ≤ 3.0A
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com