Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2585 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 15Page - Texas Instruments LM2585 Datasheet HTML 16Page - Texas Instruments LM2585 Datasheet HTML 17Page - Texas Instruments LM2585 Datasheet HTML 18Page - Texas Instruments LM2585 Datasheet HTML 19Page - Texas Instruments LM2585 Datasheet HTML 20Page - Texas Instruments LM2585 Datasheet HTML 21Page - Texas Instruments LM2585 Datasheet HTML 22Page - Texas Instruments LM2585 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LM2585
www.ti.com
SNVS120F – APRIL 2000 – REVISED APRIL 2013
Typical Boost Regulator Applications
Figure 48 through Figure 51 show four typical boost applications)—one fixed and three using the adjustable
version of the LM2585. Each drawing contains the part number(s) and manufacturer(s) for every component. For
the fixed 12V output application, the part numbers and manufacturers' names for the inductor are listed in
Table 3. For applications with different output voltages, refer to the Switchers Made Simple software.
Figure 48. +5V to +12V Boost Regulator
Table 3 contains a table of standard inductors, by part number and corresponding manufacturer, for the fixed
output regulator of Figure 48.
Table 3. Inductor Selection Table
Coilcraft(1)
Pulse(2)
Renco(3)
Schott(4)
Schott (Surface Mount)(4)
D03316-153
PE-53898
RL-5471-7
67146510
67146540
(1)
Coilcraft Inc.
Phone: (800) 322-2645 1102 Silver Lake Road, Cary, IL 60013
Fax: (708) 639-1469
(2)
Pulse Engineering Inc.
Phone: (619) 674-8100 12220 World Trade Drive, San Diego, CA 92128
Fax: (619) 674-8262
(3)
Renco Electronics Inc.
Phone (800) 645-5828 60 Jeffryn Blvd. East, Deer Park, NY 11729
Fax: (516) 586-5562
(4)
Schott Corp.
Phone: (612) 475-1173 1000 Parkers Lane Road, Wayzata, MN 55391
Fax: (612) 475-1786
Figure 49. +12V to +24V Boost Regulator
Figure 50. +24V to +36V Boost Regulator
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com