Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2585 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 17Page - Texas Instruments LM2585 Datasheet HTML 18Page - Texas Instruments LM2585 Datasheet HTML 19Page - Texas Instruments LM2585 Datasheet HTML 20Page - Texas Instruments LM2585 Datasheet HTML 21Page - Texas Instruments LM2585 Datasheet HTML 22Page - Texas Instruments LM2585 Datasheet HTML 23Page - Texas Instruments LM2585 Datasheet HTML 24Page - Texas Instruments LM2585 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LM2585
www.ti.com
SNVS120F – APRIL 2000 – REVISED APRIL 2013
In a flyback regulator application (Figure 53), using the standard transformers, the LM2585 will survive a short
circuit to the main output. When the output voltage drops to 80% of its nominal value, the frequency will drop to
25 kHz. With a lower frequency, off times are larger. With the longer off times, the transformer can release all of
its stored energy before the switch turns back on. Hence, the switch turns on initially with zero current at its
collector. In this condition, the switch current limit will limit the peak current, saving the device.
Figure 53. Flyback Regulator
FLYBACK REGULATOR INPUT CAPACITORS
A flyback regulator draws discontinuous pulses of current from the input supply. Therefore, there are two input
capacitors needed in a flyback regulator; one for energy storage and one for filtering (Figure 53). Both are
required due to the inherent operation of a flyback regulator. To keep a stable or constant voltage supply to the
LM2585, a storage capacitor (
≥100 μF) is required. If the input source is a rectified DC supply and/or the
application has a wide temperature range, the required rms current rating of the capacitor might be very large.
This means a larger value of capacitance or a higher voltage rating will be needed of the input capacitor. The
storage capacitor will also attenuate noise which may interfere with other circuits connected to the same input
supply voltage.
In addition, a small bypass capacitor is required due to the noise generated by the input current pulses. To
eliminate the noise, insert a 1.0
μF ceramic capacitor between VIN and ground as close as possible to the device.
SWITCH VOLTAGE LIMITS
In a flyback regulator, the maximum steady-state voltage appearing at the switch, when it is off, is set by the
transformer turns ratio, N, the output voltage, VOUT, and the maximum input voltage, VIN (Max):
VSW(OFF) = VIN (Max) + (VOUT +VF)/N
where
•
VF is the forward biased voltage of the output diode and is 0.5V for Schottky diodes and 0.8V for ultra-fast
recovery diodes (typically).
(3)
In certain circuits, there exists a voltage spike, VLL, superimposed on top of the steady-state voltage (Figure 22,
waveform A). Usually, this voltage spike is caused by the transformer leakage inductance and/or the output
rectifier recovery time. To “clamp” the voltage at the switch from exceeding its maximum value, a transient
suppressor in series with a diode is inserted across the transformer primary (as shown in the circuit on the front
page and other flyback regulator circuits throughout the datasheet). The schematic in Figure 53 shows another
method of clamping the switch voltage. A single voltage transient suppressor (the SA51A) is inserted at the
switch pin. This method clamps the total voltage across the switch, not just the voltage across the primary.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com