Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2696MXAX/NOPB
Description  LM2696 3A, Constant On Time Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2696MXAX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2696MXAX/NOPB Datasheet HTML 1Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 2Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 3Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 4Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 5Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 6Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 7Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 8Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RFB1
RFB2
SW
L
COUT
VOUT
LM2696
DCATCH
GND
FB
CBOOT
CBOOT
CEXT
EXTVCC
CSS
CAVIN
CIN
SS
VIN
PVIN
AVIN
RON
RON
SD
PGOOD
VPGOOD
VSD
CSD
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
LM2696 3A, Constant On Time Buck Regulator
Check for Samples: LM2696
1
FEATURES
DESCRIPTION
The LM2696 is a pulse width modulation (PWM) buck
2
•
Input Voltage Range of 4.5V–24V
regulator capable of delivering up to 3A into a load.
•
Constant On-Time
The control loop utilizes a constant on-time control
•
No Compensation Needed
scheme with input voltage feed forward. This provides
a topology that has excellent transient response
•
Maximum Load Current of 3A
without the need for compensation. The input voltage
•
Switching Frequency of 100 kHz–500 kHz
feed forward ensures that a constant switching
•
Constant Frequency Across Input Range
frequency is maintained across the entire VIN range.
•
TTL Compatible Shutdown Thresholds
The LM2696 is capable of switching frequencies in
•
Low Standby Current of 12 µA
the range of 100 kHz to 500 kHz. Combined with an
integrated 130 m
Ω high side NMOS switch the
•
130 m
Ω Internal MOSFET Switch
LM2696 can utilize small sized external components
and provide high efficiency. An internal soft-start and
APPLICATIONS
power-good flag are also provided to allow for simple
•
High Efficiency Step-Down Switching
sequencing between multiple regulators.
Regulators
The LM2696 is available with an adjustable output in
•
LCD Monitors
an exposed pad HTSSOP-16 package.
•
Set-Top Boxes
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2696MXAX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2696MXAX/NOPB TI2-LM2696MXAX/NOPB Datasheet
669Kb / 31P
LM2696 3A, Constant On Time Buck Regulator
REVISED APRIL 2013
LM2696MXAX/NOPB.A TI2-LM2696MXAX/NOPB.A Datasheet
669Kb / 31P
LM2696 3A, Constant On Time Buck Regulator
REVISED APRIL 2013
LM2696MXAX/NOPB.B TI2-LM2696MXAX/NOPB.B Datasheet
669Kb / 31P
LM2696 3A, Constant On Time Buck Regulator
REVISED APRIL 2013
More results

Similar Description - LM2696MXAX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Texas Instruments
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018 Datasheet
337Kb / 18P
48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019 Datasheet
331Kb / 18P
48V, 100mA Constant On-Time Synchronous Buck Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
600mA Constant On-Time Synchronous Buck Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com