Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2696MXAX/NOPB
Description  LM2696 3A, Constant On Time Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2696MXAX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2696MXAX/NOPB Datasheet HTML 15Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 16Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 17Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 18Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 19Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 20Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 21Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 22Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
RFB1
RFB2
SW
L
COUT
VOUT
LM2696
DCATCH
GND
FB
CBOOT
CBOOT
CEXT
ExtVCC
CSS
CIN
SS
PVIN
AVIN
RON
RON
SD
PGOOD
VIN
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
PRE-BIAS LOAD STARTUP
Should the LM2696 start into a pre-biased load the output will not be pulled low. This is because the part is
asynchronous and cannot sink current. The part will respond to a pre-biased load by simply enabling PWM high
or extending the off-time until regulation is achieved. This is to say that if the output voltage is greater than the
regulation voltage the off-time will extend until the voltage discharges through the feedback resistors. If the load
voltage is greater than the regulation voltage, a series of pulses will charge the output capacitor to its regulation
voltage.
THERMAL CONSIDERATIONS
The thermal characteristics of the LM2696 are specified using the parameter
θJA, which relates the junction
temperature to the ambient temperature. While the value of
θJA is specific to a given set of test parameters
(including board thickness, number of layers, orientation, etc), it provides the user with a common point of
reference.
To obtain an estimate of a devices junction temperature, one may use the following relationship:
TJ = PIN (1-Efficiency) x θJA + TA
Where
•
TJ is the junction temperature in ºC
•
PIN is the input power in Watts (PIN = VIN·IIN)
•
θJA is the thermal coefficient of the LM2696
•
TA is the ambient temperature in ºC
(32)
LAYOUT CONSIDERATIONS
The LM2696 regulation and under-voltage comparators are very fast and will respond to short duration noise
pulses. Layout considerations are therefore critical for optimum performance. The components at pins 5, 6, 7, 12
and 13 should be as physically close as possible to the IC, thereby minimizing noise pickup in the PC traces. If
the internal dissipation of the LM2696 produces excessive junction temperatures during normal operation, good
use of the PC board’s ground plane can help considerably to dissipate heat. The exposed pad on the bottom of
the HTSSOP-16 package can be soldered to a ground plane on the PC board, and that plane should extend out
from beneath the IC to help dissipate the heat. Use of several vias beneath the part is also an effective method
of conducting heat. Additionally, the use of wide PC board traces, where possible, can also help conduct heat
away from the IC. Judicious positioning of the PC board within the end product, along with use of any available
air flow (forced or natural convection) can help reduce the junction temperatures. Traces in the power plane
(Figure 26) should be short and wide to minimize the trace impedance; they should also occupy the smallest
area that is reasonable to minimize EMI. Sizing the power plane traces is a tradeoff between current capacity,
inductance, and thermal dissipation. For more information on layout considerations, please refer to TI Application
Note AN-1229.
Figure 26. Bold Traces Are In The Power Plane
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com