Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2696MXAX/NOPB
Description  LM2696 3A, Constant On Time Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2696MXAX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2696MXAX/NOPB Datasheet HTML 5Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 6Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 7Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 8Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 9Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 10Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 11Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 12Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
D =
VOUT + VD
VIN + VD - VSW
D =
VOUT
VIN
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
INTERNAL OPERATION UNDER-VOLTAGE COMPARATOR
An internal comparator is used to monitor the feedback pin for sensing under-voltage output events. If the output
voltage drops below the UVP threshold the power-good flag will fall.
ON-TIME GENERATOR SHUTDOWN
The on-time for the LM2696 is inversely proportional to the input voltage. This scheme of on-time control
maintains a constant frequency over the input voltage range. The on-time can be adjusted by using an external
resistor connected between the PVIN and RON pins.
CURRENT LIMIT
The LM2696 contains an intelligent current limit off-timer. If the peak current in the internal FET exceeds 4.9A the
present on-time is terminated; this is a cycle-by-cycle current limit. Following the termination of the on-time, a
non-resetable extended off timer is initiated. The length of the off-time is proportional to the feedback voltage.
When FB = 0V the off-time is preset to 20 µs. This condition is often a result of in short circuit operation when a
maximum amount of off-time is required. This amount of time ensures safe short circuit operation up to the
maximum input voltage of 24V.
In cases of overload (not complete short circuit, FB > 0V) the current limit off-time is reduced. Reduction of the
off-time during smaller overloads reduces the amount of fold back. This also reduces the initial startup time.
N-CHANNEL HIGH SIDE SWITCH AND DRIVER
The LM2696 utilizes an integrated N-Channel high side switch and associated floating high voltage gate driver.
This gate driver circuit works in conjunction with an external bootstrap capacitor and an internal diode. The
minimum off-time (165 ns) is set to ensure that the bootstrap capacitor has sufficient time to charge.
THERMAL SHUTDOWN
An internal thermal sensor is incorporated to monitor the die temperature. If the die temp exceeds 165ºC then the
sensor will trip causing the part to stop switching. Soft-start will restart after the temperature falls below 155ºC.
COMPONENT SELECTION
As with any DC-DC converter, numerous trade-offs are present that allow the designer to optimize a design for
efficiency, size and performance. These trade-offs are taken into consideration throughout this section.
The first calculation for any buck converter is duty cycle. Ignoring voltage drops associated with parasitic
resistances and non-ideal components, the duty cycle may be expressed as:
(1)
A duty cycle relationship that considers the voltage drop across the internal FET and voltage drop across the
external catch diode may be expressed as:
Where
•
VD is the forward voltage of the external catch diode (DCATCH)
•
VSW is the voltage drop across the internal FET.
(2)
FREQUENCY SELECTION
Switching frequency affects the selection of the output inductor, capacitor, and overall efficiency. The trade-offs
in frequency selection may be summarized as; higher switching frequencies permit use of smaller inductors
possibly saving board space at the trade-off of lower efficiency. It is recommended that a nominal frequency of
300 kHz should be used in the initial stages of design and iterated if necessary.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com