Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH06 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # TH06
Description  I2C HUMIDITYAND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH06 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button TH06 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 22Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 23Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 24Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 25Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
22
6. Control Register
Table 11. Register Summary
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
User Register 1
RES1
VDDS
RSVD
RSVD
RSVD
HTRE
RSVD
RES0
Notes:
1. Any register not listed here is reserved and must not be written. The result of a read operation on these bits is
undefined.
2. Except where noted, reserved register bits will always read back as “1,” and are not affected by write operations. For
future compatibility, it is recommended that prior to a write operation, registers should be read. Then the values read
from the RSVD bits should be written back unchanged during the write operation.
6.1. Register Descriptions
Register 1. User Register 1
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Name
RES1
VDDS
RSVD
RSVD
RSVD
HTRE
RSVD
RES0
Type
R/W
R
R/W
R/W
R/W
R/W
R/W
Reset Settings = 0011_1010
Bit
Name
Function
D7; D0
RES[1:0]
Measurement Resolution:
RH
Temp
00:
12 bit
14 bit
01:
8 bit
12 bit
10:
10 bit
13 bit
11:
11 bit
11 bit
D6
VDDS
VDD Status:
0:
VDD OK
1:
VDD Low
The minimum recommended operating voltage is 1.9 V. A transi-
tion of the VDD status bit from 0 to 1 indicates that VDD is
between 1.8 V and 1.9 V. If the VDD drops below 1.8 V, the
device will no longer operate correctly.
D5, D4, D3
RSVD
Reserved
D2
HTRE
1=On-chip Heater Enable
0=On-chip Heater Disable
D1
RSVD
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com