Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH06 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TH06
Description  I2C HUMIDITYAND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH06 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TH06 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
3
Table 2. General Specifications (Continued)
1.9 < VDD < 3.6 V; TA = –40 to 125 °C default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Conversion Time1
t
CONV
12-bit RH
—
10
12
ms
11-bit RH
—
5.8
7
10-bit RH
—
3.7
4.5
8-bit RH
—
2.6
3.1
14-bit temperature
—
7
10.8
13-bit temperature
—
4
6.2
12-bit temperature
—
2.4
3.8
11-bit temperature
—
1.5
2.4
Powerup Time
t
PU
From VDD
≥ 1.9 V to ready for a
conversion, 25 °C
—
18
25
ms
From VDD
≥ 1.9 V to ready for a con-
version, full temperature range
—
—
80
After issuing a software reset
command
—
5
15
Notes:
1. Initiating a RH measurement will also automatically initiate a temperature measurement. The total conversion time will
be tCONV(RH) + tCONV(T).
2. No conversion or I2C transaction in progress. Typical values measured at 25 °C.
3. Occurs once during powerup. Duration is <5 msec.
4. Occurs during I2C commands for Reset, Read/Write User Registers, Read EID, and Read Firmware Version. Duration is
<100 µs when I2C clock speed is >100 kHz (>200 kHz for 2-byte commands).
5. IDD after a user register write. Initiating any other subsequent I2C transaction on the same bus (such as the user
register read, starting an RH measurement, or traffic directed at other I2C devices) will transition the device to standby
mode.
6. Additional current consumption when HTRE bit enabled. See section “5.5. Heater” for more information
Table 3. I2C Interface Specifications1
1.9
≤ V
DD ≤ 3.6 V; TA = –40 to +125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Hysteresis
VHYS
High-to-low versus low-to-
high transition
0.05 x VDD
—
—
V
SCLK Frequency2
fSCL
—
—
400
kHz
SCL High Time
tSKH
0.6
—
—
µs
SCL Low Time
tSKL
1.3
—
—
µs
Start Hold Time
tSTH
0.6
—
—
µs
Notes:
1. All values are referenced to VIL and/or VIH.
2. Depending on the conversion command, the TH06 may hold the master during the conversion (clock stretch). At
above 100 kHz SCL, the TH06 may also hold the master briefly for user register and device ID transactions. At the
highest I2C speed of 400 kHz the stretching will be <10 µs.
3. Pulses up to and including 50 ns will be suppressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com