Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TH06
Description  I2C HUMIDITYAND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TH06 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
1
I
2 C HUMIDITY AND TEMPERATURE SENSOR
Features
Precision Relative Humidity Sensor

± 5% RH (max), 0–80% RH
High Accuracy Temperature Sensor

±1 °C (max), –10 to 85 °C
0 to 100% RH operating range
–40 to +125 °C operating range
Wide operating voltage
(1.9 to 3.6 V)
Low Power Consumption

150 µA active current

60 nA standby current
Applications
HVAC/R
Thermostats/humidistats
Respiratory therapy
White goods
Indoor weather stations
Description
Factory-calibrated
I2C Interface
Integrated on-chip heater
9.1mmx10.8 mm SMT Module
Excellent long term stability
Optional factory-installed cover

Low-profile

Protection during reflow

Excludes liquids and particulates
Micro-environments/data centers
Automotive climate control and
defogging
Asset and goods tracking
Mobile phones and tablets
TH06: 9.1mmx10.8 mm SMT Module
The TH06 I2C Humidity and Temperature Sensor is a monolithic CMOS IC integrating humidity and temperature
sensor elements, an analog-to-digital converter, signal processing, calibration data, and an I2C Interface. The
patented use of industry-standard, low-K polymeric dielectrics for sensing humidity enables the construction of low-
power, monolithic CMOS Sensor ICs with low drift and hysteresis, and excellent long term stability.
The humidity and temperature sensors are factory-calibrated and the calibration data is stored in the on-chip non-
volatile memory. This ensures that the sensors are fully interchangeable, with no recalibration or software changes
required
The TH06 is reflow solderable. It can be used as a hardware- and software-compatible drop-in upgrade for existing
RH/ temperature sensors , featuring precision sensing over a wider range and lower power consumption. The
optional factory-installed cover offers a low profile, convenient means of protecting the sensor during assembly (e.g.,
reflow soldering) and throughout the life of the product, excluding liquids (hydrophobic/oleophobic) and particulates.
The TH06 offers an accurate, low-power, factory-calibrated digital solution ideal for measuring humidity, dew-point,
and temperature, in applications ranging from HVAC/R and asset tracking to industrial and consumer platforms.


Similar Part No. - TH06

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
I2C HUMIDITY AND TEMPERATURE SENSOR
More results

Similar Description - TH06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Analog Devices
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
16-Bit Digital I2C Temperature Sensor
Rev. C
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
-0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com