Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 7 Page - Texas Instruments

Part # REG710
Description  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Step-Up(Boost)Mode
(A)
(B)
OFF
ON
ON
OFF
C
PUMP
Q
2
Q
4
C
OUT
V
OUT
C
PUMP
Q
2
Q
4
C
OUT
V
OUT
OFF
ON
Q
1
Q
3
ON
OFF
Q
1
Q
3
C
IN
V
IN
C
IN
V
IN
OFF
SWITCHED
Step-Down(Buck)Mode
OFF
ON
C
PUMP
Q
1
Q
3
Q
2
Q
4
C
IN
C
OUT
V
OUT
V
IN
REG71050, REG71055, REG710
www.ti.com
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The REG710 regulated charge pump provides a regulated output voltage for input voltages which are not
regulated with a value that can be lower or higher than the regulated output voltage. This is accomplished by
automatic mode switching within the device. When the input voltage is greater than the required output, the
device operates as a variable frequency switched-mode regulator. This operation is shown in Figure 5.
Transistors Q1 and Q3 are held off, Q4 is on, and Q2 is switched as needed to maintain a regulated output
voltage.
When the input voltage is less than the required output voltage, the device switches to a step-up or boost mode
of operation, as shown in Figure 6.
A conversion clock of 50% duty cycle is generated. During the first half cycle the FET switches are configured as
shown in Figure 6 (A), and CPUMP charges to VIN.
During the second half cycle the FET switches are configured as shown in Figure 6 (B), and the voltage on
CPUMP is added to VIN. The output voltage is regulated by skipping clock cycles as necessary.
Figure 5. Simplified Schematic of the REG710 Operating in the Step-Down Mode
Figure 6. Simplified Schematic of the REG710 Operating in the Step-Up or Boost Mode
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com