Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 3 Page - Texas Instruments

Part # REG710
Description  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 3 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
V
IN
C
PUMP-
V
OUT
C
PUMP+
GND
Enable
1
2
3
6
5
4
Thermal
Exposed
Pad
V
OUT
GND
Enable
1
2
3
6
5
4
C
PUMP+
V
IN
C
PUMP
-
REG71050, REG71055, REG710
www.ti.com
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
5 Device Comparison Table
ORDER NUMBER
OUTPUT VOLTAGE
REG71055
5.5 V
REG710NA-5
5 V
REG71050
REG710NA-3.3
3.3 V
REG710NA-3
3 V
REG710NA-2.7
2.7 V
REG710NA-2.5
2.5 V
6 Pin Configuration and Functions
DDC and DBV Package
DRV Package
6-Pin SOT and SOT-23
6-Pin SON With Exposed Thermal Pad
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DDC/DBV
DRV
Cpump-
4
3
–
Connect to the flying capacitor
Cpump+
6
1
–
Connect to the flying capacitor
Enable
3
5
I
Hardware Enable/Disable pin (high=enable)
GND
2
4
–
Ground
Vin
5
2
I
Input supply pin. Connect the input capacitor to this pin.
Vout
1
6
O
Output supply. Connect the output capacitor to this pin.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply voltage
–0.3
6
Enable
Enable input
–0.3
VIN
V
Output short-circuit duration
Indefinite
TA
Operating ambient temperature
–55
125
TJ
Operating ambient temperature
–55
150
°C
Tstg
Storage temperature
–55
150
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com